Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIP3250A Datasheet(PDF) 39 Page - Micronas

Part # CIP3250A
Description  Component Interface Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CIP3250A Datasheet(HTML) 39 Page - Micronas

Back Button CIP3250A Datasheet HTML 35Page - Micronas CIP3250A Datasheet HTML 36Page - Micronas CIP3250A Datasheet HTML 37Page - Micronas CIP3250A Datasheet HTML 38Page - Micronas CIP3250A Datasheet HTML 39Page - Micronas CIP3250A Datasheet HTML 40Page - Micronas CIP3250A Datasheet HTML 41Page - Micronas CIP3250A Datasheet HTML 42Page - Micronas CIP3250A Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
ADVANCE INFORMATION
CIP 3250A
39
Micronas
3.6.3.8. Characteristics I2C Bus Interface Input/Output
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
SDA,
SCL
–
–
0.3*VDD
V
VIH
Input High Voltage
SCL
0.6*VDD
–
–
V
VOL
Output Low Voltage
–
–
0.4
0.6
V
V
II = 3 mA
II = 6 mA
tF
Signal Fall Time
–
–
300
ns
CL = 400 pF
fSCL
Clock Frequency
SCL
0
–
400
kHz
tI2C3
I2C-Clock Low Pulse Time
500
–
–
ns
tI2C4
I2C-Clock High Pulse Time
500
–
–
ns
tI2C1
I2C Start Condition Setup Time
SCL,
SDA
120
–
–
ns
tI2C2
I2C Stop Condition Setup Time
SDA
120
–
–
ns
tI2C5
I2C-Data Setup Time Before
Rising Edge of Clock SCL
55
–
–
ns
tI2C6
I2C-Data Hold Time after
Falling Edge of Clock SCL
55
–
–
ns
tI2C7
I2C-Slew Times at
I2C-Clock = 1 MHz
50
–
–
V/
µs
3.6.3.9. Characteristics Luma/Chroma Input
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
L[7..0],
C[7 0]
–
–
0.8
V
VIH
Input High Voltage
C[7..0]
1.5
–
–
V
IPUP
Pullup Current
1.5
–
2.1
–
3.0
±1
mA
µ A
@ 1 Volt / I2C:<06>D2KIN = 1
@ 1 Volt / I2C:<06>D2KIN = 0
VPUP
Pullup Voltage
1.8
–
–
–
3.2
–
V
V
I2C:<06>D2KIN = 1
I2C:<06>D2KIN = 0
tIS
Input Setup Time before
active Clock Transition
7
–
–
ns
tIH
Input Hold Time after
actice Clock Transition
5
–
–
ns
L/C Input
CLK Input
tIH
VIH
VIL
tIS
Data valid
Fig. 3–18: Luma/chroma input
Note: active clock edge depends on I2C:<17>NEGCLK
see NOTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com