Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3793-27D Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB3793-27D
Description  Power-Voltage Monitoring IC with Watchdog Timer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3793-27D Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB3793-27D Datasheet HTML 16Page - Cypress Semiconductor MB3793-27D Datasheet HTML 17Page - Cypress Semiconductor MB3793-27D Datasheet HTML 18Page - Cypress Semiconductor MB3793-27D Datasheet HTML 19Page - Cypress Semiconductor MB3793-27D Datasheet HTML 20Page - Cypress Semiconductor MB3793-27D Datasheet HTML 21Page - Cypress Semiconductor MB3793-27D Datasheet HTML 22Page - Cypress Semiconductor MB3793-27D Datasheet HTML 23Page - Cypress Semiconductor MB3793-27D Datasheet HTML 24Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Document Number: 002-08488 Rev.*C
Page 21 of 24
MB3793-27D/28D/30D
12. Usage Precaution
Do not Configure the IC Over the Maximum Ratings
If the IC is used over the maximum ratings, the LSI may be permanently damaged.
It is preferable for the device to normally operate within the recommended usage conditions. Usage outside of these conditions
can have a bad effect on the reliability of the LSI.
Use the Devices within Recommended Operating Conditions
The recommended operating conditions are the recommended values that guarantee the normal operations of LSI.
The electrical ratings are guaranteed when the device is used within the recommended operating conditions and under the
conditions stated for each item.
Printed Circuit Board Ground Lines Should be Set up with Consideration for Common Impedance
Take Appropriate Measures Against Static Electricity
• Containers for semiconductor materials should have anti-static protection or be made of conductive material.
• After mounting, printed circuit boards should be stored and shipped in conductive bags or containers.
• Work platforms, tools, and instruments should be properly grounded.
• Working personnel should be grounded with resistance of 250 k
 to 1 M in series between body and ground.
Do not Apply Negative Voltages
The use of negative voltages below
–0.3 V may create parasitic transistors on LSI lines, which can cause malfunctions.
13. Ordering Information
Part Number
Package
MB3793-27DPNF
8-pin plastic SOP
(SOB008)
MB3793-28DPNF
8-pin plastic SOP
(SOB008)
MB3793-30DPNF
8-pin plastic SOP
(SOB008)
14. RoHS Compliance Information
The LSI products of Cypress
with “E1” are compliant with RoHS Directive, and have observed the standard of lead, cadmium,
mercury, Hexavalent chromium, polybrominated biphenyls (PBB), and polybrominated diphenyl ethers (PBDE).
The product that conforms to this standard is added “E1” at the end of the part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com