Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOC4200 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # PSOC4200
Description  Programmable System-on-Chip (PSoC짰)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4200 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button PSOC4200 Datasheet HTML 9Page - Cypress Semiconductor PSOC4200 Datasheet HTML 10Page - Cypress Semiconductor PSOC4200 Datasheet HTML 11Page - Cypress Semiconductor PSOC4200 Datasheet HTML 12Page - Cypress Semiconductor PSOC4200 Datasheet HTML 13Page - Cypress Semiconductor PSOC4200 Datasheet HTML 14Page - Cypress Semiconductor PSOC4200 Datasheet HTML 15Page - Cypress Semiconductor PSOC4200 Datasheet HTML 16Page - Cypress Semiconductor PSOC4200 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Document Number: 001-87197 Rev. *J
Page 13 of 45
PSoC® 4: PSoC 4200
Family Datasheet
Descriptions of the Pin functions are as follows:
VDDD
: Power supply for both analog and digital sections (where there is no VDDA pin).
VDDA
: Analog VDD pin where package pins allow; shorted to VDDD otherwise.
VSSA:
Analog ground pin where package pins allow; shorted to VSS otherwise
VSS
: Ground pin.
VCCD
: Regulated Digital supply (1.8 V ±5%).
Port Pins can all be used as LCD Commons, LCD Segment drivers, or CSD sense and shield pins can be connected to AMUXBUS A or B or can all be used as GPIO pins
that can be driven by firmware or DSI signals.
The following packages are supported: 48-pin TQFP, 44-pin TQFP, 40-pin QFN, and 28-pin SSOP.
D7
P1.3
ctb.oa1.out
tcpwm3_n[1]
–
–
–
Port 1 Pin 3: gpio, lcd, csd, ctb, pwm
D4
P1.4
ctb.oa1.inm
–
–
–
–
Port 1 Pin 4: gpio, lcd, csd, ctb
D5
P1.5
ctb.oa1.inp
–
–
–
–
Port 1 Pin 5: gpio, lcd, csd, ctb
D6
P1.6
ctb.oa0.inp_alt
–
–
–
–
Port 1 Pin 6: gpio, lcd, csd
E7
P1.7/VR
EF
ctb.oa1.inp_alt
ext_vref
–
–
–
–
Port 1 Pin 7: gpio, lcd, csd, ext_ref
35-Ball CSP
Alternate Functions for Pins
Pin Description
Pin
Name
Analog
Alt 1
Alt 2
Alt 3
Alt 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com