Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C06 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT48C06
Description  Cost-Effective I/O Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C06 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT48C06 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Pin Assignment
Pad Assignment
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Description
Pad Name
I/O
Options
Description
PA0~PA7
I/O
Pull-high*
Wake-up
Bidirectional 8-bit input/output port. Each bit can be configured as wake-up
input by options. Software instructions determine the CMOS output or
Schmitt trigger input with a pull-high resistor (determined by pull-high op-
tions).
PB0/BZ
PB1/BZ
PB2
I/O
Pull-high*
I/O or BZ/BZ
Bidirectional 3-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with a pull-high resistor (determined by
pull-high options).
The PB0 and PB1 are pin-shared with the BZ and BZ, respectively. Once the
PB0 and PB1 are selected as buzzer driving outputs, the output signals come
from an internal PFD generator (shared with a timer/event counter).
VSS
¾¾
Negative power supply, ground
PC0/INT
PC1/TMR
I/O
Pull-high*
Bidirectional I/O lines. Software instructions determine the CMOS output or
Schmitt trigger input with a pull-high resistor (determined by pull-high op-
tions). The external interrupt and timer input are pin-shared with the PC0 and
PC1, respectively. The external interrupt input is activated on a high to low
transition.
HT48R05A-1/HT48C05/HT48R06A-1/HT48C06
Rev. 1.10
2
June 9, 2004
P A 4
P A 5
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S
P C 1 / T M R
P A 3
P A 2
P A 1
P A 0
P B 2
P B 1 / B Z
P B 0 / B Z
V S S
P C 0 / I N T
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
H T 4 8 R 0 5 A - 1 / H T 4 8 C 0 5
H T 4 8 R 0 6 A - 1 / H T 4 8 C 0 6
1 8 D I P - A / S O P - A
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
H T 4 8 R 0 5 A - 1 / H T 4 8 C 0 5
H T 4 8 R 0 6 A - 1 / H T 4 8 C 0 6
1 6 S S O P - A
P A 4
P A 5
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S
P A 3
P A 2
P A 1
P A 0
P B 0 / B Z
V S S
P C 0 / I N T
P C 1 / T M R
( 0 , 0 )
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
P A 0
P B 2
P B 1 / B Z
O S C 2
P A 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com