Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400F Datasheet(PDF) 1 Page - ebm-papst

Part # 400F
Description  DC axial fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

400F Datasheet(HTML) 1 Page - ebm-papst

  400F Datasheet HTML 1Page - ebm-papst 400F Datasheet HTML 2Page - ebm-papst 400F Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
27
Highlights:
– Compact fan with low power consumption.
– Some models suitable for use at high ambient temperatures.
General characteristics:
– Material: fibreglass-reinforced plastic. Impeller PA, housing PBT.
– Fully integrated electronic commutation.
– Protected against reverse polarity and locking.
– Connection via single strands AWG 28, TR 64. Bared and tin-plated.
– Air exhaust over struts. Direction of rotation counter-clockwise, seen on rotor.
– Mass: 25 g.
DC axial fans
Series 500 F
50 x 50 x 15 mm
0
2
4
6
8
10
5
10
30
20
10
2
15
25
15
5
1
m³/h
CFM
Nominal data
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110
512 F
20
11,8
12
10,8...13,2
30
4,5
1,0
5 000
-20...+70
50 000 / 20 000
62 500
2
/2
514 F
20
11,8
24
21,6...26,4
30
4,5
1,0
5 000
-20...+70
50 000 / 20 000
62 500
2
/2
512 FL-547
11
6,5
12
11,5...13,2
12
3,7
0,4
3 000
-20...+85
50 000 / 20 000
65 500
1
512 F-532
20
11,8
12
10,8...13,2
30
4,5
0,9
5 000
-20...+85
50 000 / 20 000
65 500
2
max.
20 m3/h
Model with temperature range up to +85 °C.
HHPP
PWM
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110
412 J
19
11,2
12
8...14
39
5,5
2,4
10 300
-20...+70
60 000 / 30 000
120 000
1
412 JH
22
12,9
12
8...13,5
43
5,8
3,0
11 700
-20...+70
60 000 / 30 000
120 000
2
/2
412 JHH
24
14,1
12
8...13,5
46
6,1
3,3
13 000
-20...+60
57 500 / 35 000
110 000
3
/2
414 J
19
11,2
24
18...27
39
5,5
2,4
10 300
-20...+70
60 000 / 30 000
120 000
1
414 JH
22
12,9
24
18...27
43
5,8
3,0
11 700
-20...+70
60 000 / 30 000
120 000
2
/2
414 JHH
24
14,1
24
18...27
46
6,1
3,6
13 000
-20...+60
57 500 / 35 000
110 000
3
/2
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:25 Seite 27


Similar Part No. - 400F

ManufacturerPart #DatasheetDescription
logo
ebm-papst
400F EBMPAPST-400F Datasheet
375Kb / 3P
DC axial fans
400F EBMPAPST-400F Datasheet
704Kb / 3P
DC axial fans
400F EBMPAPST-400F Datasheet
153Kb / 1P
DC axial fans
400F EBMPAPST-400F Datasheet
345Kb / 3P
DC axial fans
400F EBMPAPST-400F Datasheet
430Kb / 3P
DC axial fans
More results

Similar Description - 400F

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com