Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4412H Datasheet(PDF) 1 Page - ebm-papst

Part # 4412H
Description  DC axial fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4412H Datasheet(HTML) 1 Page - ebm-papst

  4412H Datasheet HTML 1Page - ebm-papst 4412H Datasheet HTML 2Page - ebm-papst 4412H Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
48
max.
285 m3/h
Nominal data
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110
4412 L
150
88,3
12
7...14
37
5,0
2,5
2 700
-20...+70
67 500 / 35 000
140 000
1
4412 M
184
108,3
12
7...14
42
5,3
4,2
3 300
-20...+70
65 000 / 32 500
130 000
2
4412 N
205
120,7
12
7...14
46
5,6
5,5
3 650
-20...+70
62 500 / 30 000
120 000
3
/2
4412 H
240
141,3
12
7...14
50
6,0
8,9
4 300
-20...+70
57 500 / 27 500
110 000
4
/2
4412 /2 HHP
285
167,7
12
7...14,5
55
6,4
13,0
5 000
-20...+70
50 000 / 25 000
100 000
5
/2
4414 L
150
88,3
24
18...28
37
5,0
2,5
2 700
-20...+70
67 500 / 35 000
140 000
1
4414 M
184
108,3
24
18...28
42
5,3
4,0
3 300
-20...+70
65 000 / 32 500
130 000
2
4414 N
205
120,7
24
18...28
46
5,6
5,2
3 650
-20...+70
62 500 / 30 000
120 000
3
4414 H
240
141,3
24
18...28
50
6,0
8,6
4 300
-20...+70
57 500 / 27 500
110 000
4
/2
4414 HH
285
164,8
24
16...28
55
6,4
14,0
5 000
-20...+70
50 000 / 25 000
100 000
5
4414 /2 HHP
285
167,7
24
18...28
55
6,4
12,0
5 000
-20...+70
50 000 / 25 000
100 000
5
/2
4418 L
150
88,3
48
36...60
37
5,0
2,5
2 700
-20...+70
67 500 / 35 000
140 000
1
4418 M
184
108,3
48
36...60
42
5,3
4,2
3 300
-20...+70
65 000 / 32 500
130 000
2
4418 N
205
120,7
48
36...60
46
5,6
5,2
3 650
-20...+70
62 500 / 30 000
120 000
3
4418 H
240
141,3
48
36...60
50
6,0
8,6
4 300
-20...+70
57 500 / 27 500
110 000
4
/2
4418 /2 HHP
285
167,7
48
36...60
55
6,4
13,5
5 000
-20...+70
50 000 / 25 000
100 000
5
/2
Highlights:
– Innovative impeller with winglets for low noise.
– Control inputs, alarm and speed signals available on request.
– High-speed version with 5000 rpm, standard models available with /2 and PWM.
General characteristics:
– Material: fibreglass-reinforced plastic. Impeller PA, housing PBT.
– Fully integrated electronic commutation.
– Protected against reverse polarity and locking.
– Connection via single strands AWG 24, TR 64. Bared and tin-plated.
– Air exhaust over struts. Direction of rotation clockwise, seen on rotor.
– Mass: 270 g.
DC axial fans
Series 4400
119 x 119 x 38 mm
25
50
75
100
125
0
50
100
25
150
75
100
125
200
50
4
3
2
1
m³/h
CFM
20
40
60
80
100
120
140
0
50
100
25
150
75
100
125
150
175
200
250
50
5
m³/h
CFM
HHPP
A
PWM
II
TT
NG
4182 NGX
160
94,2
12
7...15
44
5,3
3,5
2 800
-10...+75
85 000 / 37 500
167 500
1
/2
4182 NX
180
105,9
12
7...15
49
5,7
4,5
3 200
-30...+75
85 000 / 37 500
167 500
2
/2/12
4182 NXH
237
139,5
12
7...14
57
6,5
11,0
4 400
-30...+55
70 000 / 50 000
142 500
3
4184 NGX
160
94,2
24
12...30
44
5,3
3,5
2 800
-10...+75
85 000 / 37 500
167 500
1
/2
4184 NXM
160
94,2
24
12...30
44
5,3
3,5
2 800
-30...+75
85 000 / 37 500
167 500
1
4184 NX
180
105,9
24
12...29
49
5,7
4,5
3 200
-30...+75
85 000 / 37 500
167 500
2
/2/17
4184 NXH
237
139,5
24
12...25
57
6,5
11,0
4 400
-30...+55
70 000 / 50 000
142 500
3
/2
4188 NGX
160
94,2
48
36...56
44
5,3
3,8
2 800
-10...+75
85 000 / 37 500
167 500
1
4188 NXM
160
94,2
48
36...56
44
5,3
3,5
2 800
-30...+75
85 000 / 37 500
167 500
1
/12
Nominal data
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110-114
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:26 Seite 48


Similar Part No. - 4412H

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4412H EBMPAPST-4412H Datasheet
170Kb / 4P
DC axial compact fan
4412H EBMPAPST-4412H Datasheet
213Kb / 1P
DC axial fans
4412H EBMPAPST-4412H_16 Datasheet
501Kb / 4P
DC axial compact fan
More results

Similar Description - 4412H

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com