Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4414L Datasheet(PDF) 2 Page - ebm-papst

Part # 4414L
Description  DC axial fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4414L Datasheet(HTML) 2 Page - ebm-papst

  4414L Datasheet HTML 1Page - ebm-papst 4414L Datasheet HTML 2Page - ebm-papst 4414L Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
170
Speed signal /12
– Speed-proportional, square-wave signal for external monitoring of the fan motor speed
– 2, 3, or 6 pulses per revolution
– TTL-compatible
– Integrated pull-up resistor
– Connection via separate cable
– The sensor signal also serves as a major comparison variable for setting and maintaining
the setpoint speed for interactive or controlled cooling with one or more interconnected
fans.
Electrical hookup
All voltages measured to ground.
Type
VDC
mA
VDC
mA
mA
Page
Signal data
614 N/12 GM
£ 0.4
1
2.5–5.5
1
1
39
618 N/12 N
£ 0.4
1
2.5–5.5
1
1
39
8412 N/12 H
£ 0.4
1
2.5–5.5
1
1
44
4412 F/12 GM
£ 0.4
1
2.5–5.5
1
1
53
4418 F/12
£ 0.4
1
2.5–5.5
1
1
53
4312 /12 M
£ 0.4
1
2.5–5.5
1
1
56
4314 /12
£ 0.4
1
2.5–5.5
1
1
56
4182 N/12 X
£ 0.4
1
2.5–5.5
1
1
60
Subject to change
Note:
With these fan options, deviations in regard to temperature range, voltage range
and power consumption are possible compared with standard fan data.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com