Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7252 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH7252
Description  Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7252 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH7252 Datasheet HTML 1Page - OSRAM GmbH SFH7252 Datasheet HTML 2Page - OSRAM GmbH SFH7252 Datasheet HTML 3Page - OSRAM GmbH SFH7252 Datasheet HTML 4Page - OSRAM GmbH SFH7252 Datasheet HTML 5Page - OSRAM GmbH SFH7252 Datasheet HTML 6Page - OSRAM GmbH SFH7252 Datasheet HTML 7Page - OSRAM GmbH SFH7252 Datasheet HTML 8Page - OSRAM GmbH SFH7252 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2016-01-07
2
Version 1.0
SFH 7252
Maximum Ratings
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Reverse voltage
V
R
5
V
Forward current
I
F
70
mA
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2
kV
Thermal resistance junction - ambient, mounted on
PC-board (FR4)
1) page 15
RthJA
700
K / W
Emitter 1
Forward current
I
F (DC)
70
mA
Surge current
(t
p ≤ 200 µs, D = 0)
I
FSM
1
A
Power consumption
P
tot
140
mW
Thermal resistance junction - ambient, mounted on
PC-board (FR4)
2) page 15
RthJA
500
K / W
Emitter 2
Forward current
IF (DC)
70
mA
Surge current
(t
p ≤ 200 µs, D = 0)
I
FSM
1
A
Power consumption
P
tot
135
mW
Thermal resistance junction - ambient, mounted on
PC-board (FR4)
2) page 15
R
thJA
500
K / W
Note:
The stated maximum ratings refer to one chip, unless otherwise specified.
Parameter
Symbol
Values
Unit
Emitter 1
Peak wavelength
(I
F = 70 mA, tp = 20 ms)
(typ)
λpeak
860
nm
Centroid wavelength
(I
F = 70 mA, tp = 20 ms)
(typ)
λ
centroid
850
nm
Spectral bandwidth at 50% of I
max
(IF = 70 mA, tp = 20 ms)
(typ)
∆λ
30
nm
Half angle
(typ)
ϕ
± 60
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com