Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH205F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH205F
Description  Silicon PIN Photodiode with Daylight Blocking Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH205F Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH205F Datasheet HTML 1Page - OSRAM GmbH SFH205F Datasheet HTML 2Page - OSRAM GmbH SFH205F Datasheet HTML 3Page - OSRAM GmbH SFH205F Datasheet HTML 4Page - OSRAM GmbH SFH205F Datasheet HTML 5Page - OSRAM GmbH SFH205F Datasheet HTML 6Page - OSRAM GmbH SFH205F Datasheet HTML 7Page - OSRAM GmbH SFH205F Datasheet HTML 8Page - OSRAM GmbH SFH205F Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2015-12-23
1
2015-12-23
Silicon PIN Photodiode with Daylight Blocking Filter
Version 1.3
SFH 205 F
Ordering Information
Features:
•
Especially suitable for applications of 950 nm
•
Short switching time (typ. 20 ns)
•
5 mm LED plastic package
•
Also available on tape and reel
Applications
•
Photointerrupters
•
IR remote control of hi-fi and TV sets, dimmers, remote controls of various equipment
Type:
Photocurrent
Ordering Code
IP [µA]
λ = 950 nm, E
e = 1 mW/cm
2,
V
R = 5 V
SFH 205 F
60 (≥ 45)
Q62702P0102


Similar Part No. - SFH205F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH205F SIEMENS-SFH205F Datasheet
157Kb / 4P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
SFH205F SIEMENS-SFH205F Datasheet
72Kb / 4P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
logo
OSRAM GmbH
SFH205F OSRAM-SFH205F Datasheet
237Kb / 6P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
SFH205FA SIEMENS-SFH205FA Datasheet
62Kb / 4P
Neu: Silizium-PIN-Fotodiode mit Tageslichtsperrfilter New: Silicon-PIN-Photodiode with Daylight Filter
logo
OSRAM GmbH
SFH205FA OSRAM-SFH205FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
More results

Similar Description - SFH205F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH235FA OSRAM-SFH235FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH205FA OSRAM-SFH205FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
BPW34F OSRAM-BPW34F Datasheet
210Kb / 8P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH225FA OSRAM-SFH225FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
BP-104-FAS OSRAM-BP-104-FAS Datasheet
397Kb / 14P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
BP-104-FS OSRAM-BP-104-FS Datasheet
371Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
SFH-205-F OSRAM-SFH-205-F Datasheet
221Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-205-FA OSRAM-SFH-205-FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-235-FA OSRAM-SFH-235-FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-225-FA OSRAM-SFH-225-FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com