Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPW21 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BPW21
Description  Silicon Photodiode for the Visible Spectral Range
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW21 Datasheet(HTML) 1 Page - OSRAM GmbH

  BPW21 Datasheet HTML 1Page - OSRAM GmbH BPW21 Datasheet HTML 2Page - OSRAM GmbH BPW21 Datasheet HTML 3Page - OSRAM GmbH BPW21 Datasheet HTML 4Page - OSRAM GmbH BPW21 Datasheet HTML 5Page - OSRAM GmbH BPW21 Datasheet HTML 6Page - OSRAM GmbH BPW21 Datasheet HTML 7Page - OSRAM GmbH BPW21 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2016-01-04
1
2016-01-04
Silicon Photodiode for the Visible Spectral Range
Version 1.3
BPW 21
Ordering Information
Features:
Especially suitable for applications from 350 nm to 820 nm
Adapted to human eye sensitivity (V
λ)
Hermetically sealed metal package (similar to TO-5)
Applications
Exposure meter for daylight and artificial light
For artificial light of high color temperature in photographic fields and color analysis
Type:
Ordering Code
BPW 21
Q62702P0885


Similar Part No. - BPW21

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPW21 VISHAY-BPW21 Datasheet
73Kb / 5P
Silicon PN Photodiode
20-May-99
logo
Siemens Semiconductor G...
BPW21 SIEMENS-BPW21 Datasheet
138Kb / 4P
Silicon Photodiode for the visible spectral range
logo
Vishay Siliconix
BPW21R VISHAY-BPW21R Datasheet
73Kb / 5P
Silicon PN Photodiode
20-May-99
BPW21R VISHAY-BPW21R Datasheet
137Kb / 5P
Silicon Photodiode
08-Sep-08
BPW21R VISHAY-BPW21R Datasheet
137Kb / 5P
Silicon Photodiode
23-Nov-11
More results

Similar Description - BPW21

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
BS120 SHARP-BS120 Datasheet
30Kb / 2P
Photodiode for Visible Light
BS520 SHARP-BS520 Datasheet
28Kb / 2P
Photodiode for Visible Light
logo
Siemens Semiconductor G...
BPW21 SIEMENS-BPW21 Datasheet
138Kb / 4P
Silicon Photodiode for the visible spectral range
logo
Sharp Corporation
BS500B SHARP-BS500B Datasheet
83Kb / 2P
PHOTODIODE FOR VISIBLE LIGHT
BS521 SHARP-BS521 Datasheet
101Kb / 2P
Photodiode for Visible Light
logo
API Delevan
SLSD-71N200 API-SLSD-71N200 Datasheet
137Kb / 2P
Visible to IR spectral irradiance range
SLSD-71N300 API-SLSD-71N300 Datasheet
141Kb / 2P
Visible to IR spectral irradiance range
SLSD-71N400 API-SLSD-71N400 Datasheet
115Kb / 2P
Visible to IR spectral irradiance range
SLSD-71N700 API-SLSD-71N700 Datasheet
140Kb / 2P
Visible to IR spectral irradiance range
logo
OSRAM GmbH
BPW-21 OSRAM-BPW-21 Datasheet
469Kb / 8P
Silicon Photodiode for the Visible Spectral Range Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com