Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6227N Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6227N
Description  DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6227N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6227N Datasheet HTML 5Page - STMicroelectronics L6227N Datasheet HTML 6Page - STMicroelectronics L6227N Datasheet HTML 7Page - STMicroelectronics L6227N Datasheet HTML 8Page - STMicroelectronics L6227N Datasheet HTML 9Page - STMicroelectronics L6227N Datasheet HTML 10Page - STMicroelectronics L6227N Datasheet HTML 11Page - STMicroelectronics L6227N Datasheet HTML 12Page - STMicroelectronics L6227N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/22
L6227
TRUTH TABLE
X
= Don't care
High Z
= High Impedance Output
GND (Vs)
= GND during Ton, Vs during Toff
(*) Valid only in case of load connected between OUT1 and OUT2
PWM CURRENT CONTROL
The L6227 includes a constant off time PWM current controller for each of the two bridges. The current control
circuit senses the bridge current by sensing the voltage drop across an external sense resistor connected be-
tween the source of the two lower power MOS transistors and ground, as shown in Figure 7. As the current in
the load builds up the voltage across the sense resistor increases proportionally. When the voltage drop across
the sense resistor becomes greater than the voltage at the reference input (VREFA or VREFB) the sense com-
parator triggers the monostable switching the low-side MOS off. The low-side MOS remain off for the time set
by the monostable and the motor current recirculates in the upper path. When the monostable times out the
bridge will again turn on. Since the internal dead time, used to prevent cross conduction in the bridge, delays
the turn on of the power MOS, the effective off time is the sum of the monostable time plus the dead time.
Figure 7. PWM Current Controller Simplified Schematic
Figure 8 shows the typical operating waveforms of the output current, the voltage drop across the sensing re-
sistor, the RC pin voltage and the status of the bridge. Immediately after the low-side Power MOS turns on, a
high peak current flows through the sensing resistor due to the reverse recovery of the freewheeling diodes. The
L6227 provides a 1
µs Blanking Time tBLANK that inhibits the comparator output so that this current spike cannot
prematurely re-trigger the monostable.
INPUTS
OUTPUTS
Description (*)
EN
IN1
IN2
OUT1
OUT2
L
X
X
High Z
High Z
Disable
H
L
L
GND
GND
Brake Mode (Lower Path)
H
H
L
Vs
GND (Vs)
Forward
H
L
H
GND (Vs)
Vs
Reverse
H
H
H
Vs
Vs
Brake Mode (Upper Path)
DRIVERS
+
DEAD TIME
S
Q
R
DRIVERS
+
DEAD TIME
2H
1H
2L
1L
OUT2A(or B)
SENSEA(or B)
RSENSE
D02IN1352
RCA(or B)
R
C
VREFA(or B)
IOUT
OUT1A(or B)
+
+
-
-
1
µs
5mA
BLANKER
SENSE
COMPARATOR
COMPARATOR
OUTPUT
MONOSTABLE
RESET
2.5V
5V
FROM THE
LOW-SIDE
GATE DRIVERS
LOADA
(or B)
BLANKING TIME
MONOSTABLE
VSA (or B)
TO GATE LOGIC
(0)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com