Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43R65 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 43R65
Description  IEC 60320 C13 APPL. OUTLET; PCB TERMINALS, SIDE FLANGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

43R65 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  43R65 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
IEC 60320 C13 APPL. OUTLET; PCB
TERMINALS, SIDE FLANGE
43R65
A
AH
3/25/98
SS
11/9/98
MATERIAL AND FINISH:
Insulator: PC (Polycarbonate), color
black, UL-94V-0 rated
Contacts: Brass, Tin Plated
ELECTRICAL SPECIFICATIONS:
Current rating: 10 A
Voltage rating: 250 VAC
Current rating: 15 A
Voltage rating: 250 VAC
17.5
2X Ø3.5
1.7x3.0
40.0
2.8±0.1
33.9±0.1
15.2
8.8±0.2
26.1
+0.2
2X Ø3.6 OR
M3 THREAD
RECOMMENDED
PANEL CUTOUT
40.0
34.1
+0.2
40.0
21.9±0.2
2X Ø3.6
3X Ø1.5±0.1
FRONT OF CONN
7.0
7.0
8.8±0.2
RECOMMENDED
PCB LAYOUT (TOP VIEW)
15.85±0.15
3X 1.2
-0.1
21.9±0.2
3.00
25.9±0.2
5.85±0.25
0.80 TYP.
10.0±0.5
4.00
40.0
23.0
-0.5
50
30.1
3X 5.0
+0.5
15.8
-0.5
2X Ø3.5
27.0
+0.2
7.0
7.0
3X 2.5
+0.3
R4.0 TYP.
D E
V
RoHS
COMPLIANT


Similar Part No. - 43R65

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
43R01-1111 POWERDYNAMICS-43R01-1111 Datasheet
48Kb / 1P
IEC 60320 C13 & C15 FEMALE POWER CORD PLUG, R/A LEFT HANDED CONNECTION
43R01-1121 POWERDYNAMICS-43R01-1121 Datasheet
48Kb / 1P
IEC 60320 C13 & C15 FEMALE POWER CORD PLUG, R/A LEFT HANDED CONNECTION
43R01-1211 POWERDYNAMICS-43R01-1211 Datasheet
242Kb / 1P
IEC 60320 C13& C15 FEMALE POWER CORD PLUG; R/A RIGHT HANDED CONNECTION
43R01-1221 POWERDYNAMICS-43R01-1221 Datasheet
242Kb / 1P
IEC 60320 C13& C15 FEMALE POWER CORD PLUG; R/A RIGHT HANDED CONNECTION
43R01-1311 POWERDYNAMICS-43R01-1311 Datasheet
47Kb / 1P
IEC 60320 C13 & C15 FEMALE POWER CORD PLUG; STRAIGHT CONNECTION
More results

Similar Description - 43R65

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R01-4X2X POWERDYNAMICS-42R01-4X2X Datasheet
50Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE
42R01-8X2X POWERDYNAMICS-42R01-8X2X Datasheet
52Kb / 1P
IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE
42R03-4X5X POWERDYNAMICS-42R03-4X5X Datasheet
41Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
43R02-1X1X POWERDYNAMICS-43R02-1X1X Datasheet
45Kb / 1P
10A/15A IEC 60320 APPL. OUTLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
43R03-1XXX POWERDYNAMICS-43R03-1XXX Datasheet
57Kb / 1P
10A/15A IEC 60320 APPL. OUTLET; QC TERMINALS; SIDE FLANGE, PANEL MOUNT
43R04-1X1X POWERDYNAMICS-43R04-1X1X Datasheet
46Kb / 1P
10A/15A IEC 60320 APPL. OUTLET; SOLDER TERMINALS; SIDE FLANGE, PANEL MOUNT
43R07-1121 POWERDYNAMICS-43R07-1121 Datasheet
47Kb / 1P
16A/20A IEC 60320 APPL. OUTLET; QC TERMINALS; SIDE FLANGE, PANEL MOUNT
43R05-1131 POWERDYNAMICS-43R05-1131 Datasheet
46Kb / 1P
10A/15A IEC 60320 APPL. OUTLET; QC TERMINALS; SIDE FLANGE, PANEL MOUNT
PD-43R03-11 POWERDYNAMICS-PD-43R03-11 Datasheet
39Kb / 1P
UNIVERSAL IEC 60320 C13 APPL. OUTLET; QC TERMINALS, SNAP-IN
PD-43R04-11 POWERDYNAMICS-PD-43R04-11 Datasheet
38Kb / 1P
UVIVERSAL IEC 60320 C13 APPL. OUTLET; SOLDER TERMINALS, SNAP-IN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com