Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2648 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2648
Description  Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2648 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2648 Datasheet HTML 15Page - National Semiconductor (TI) LM2648 Datasheet HTML 16Page - National Semiconductor (TI) LM2648 Datasheet HTML 17Page - National Semiconductor (TI) LM2648 Datasheet HTML 18Page - National Semiconductor (TI) LM2648 Datasheet HTML 19Page - National Semiconductor (TI) LM2648 Datasheet HTML 20Page - National Semiconductor (TI) LM2648 Datasheet HTML 21Page - National Semiconductor (TI) LM2648 Datasheet HTML 22Page - National Semiconductor (TI) LM2648 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Component Selection (Continued)
Channel 1 and 2
Because the loop characteristics for channels 1 and 2 do not
change with loading, the compensation network is somewhat
more straightforward than for channel 3. As shown in Figure
8, the control-output transfer function consists of one double
pole and one zero.
Therefore, three poles and two zeros are required from the
compensation network. The resulting output-control transfer
function is shown in Figure 9
The power stage double pole and zero frequencies are given
by the following equations:
Double Pole:
Zero:
The voltage mode compensation network is shown below.
The compensation network creates the first pole at 0Hz. The
other poles and zeros can be calculated by the following
equations:
Pole2:
Pole3: (if C
c1 >> Cc2)
20059674
FIGURE 7. Ch.3 Compensation Network
20059692
FIGURE 8. Control-Output Transfer Function
20059693
FIGURE 9. Output-Control Transfer Function
20059691
FIGURE 10. Ch. 1 and 2 Compensation Network
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com