Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6227D Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6227D
Description  DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6227D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6227D Datasheet HTML 6Page - STMicroelectronics L6227D Datasheet HTML 7Page - STMicroelectronics L6227D Datasheet HTML 8Page - STMicroelectronics L6227D Datasheet HTML 9Page - STMicroelectronics L6227D Datasheet HTML 10Page - STMicroelectronics L6227D Datasheet HTML 11Page - STMicroelectronics L6227D Datasheet HTML 12Page - STMicroelectronics L6227D Datasheet HTML 13Page - STMicroelectronics L6227D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
L6227
10/22
Figure 8. Output Current Regulation Waveforms
Figure 9 shows the magnitude of the Off Time tOFF versus COFF and ROFF values. It can be approximately cal-
culated from the equations:
tRCFALL = 0.6 · ROFF · COFF
tOFF = tRCFALL + tDT = 0.6 · ROFF · COFF + tDT
where ROFF and COFF are the external component values and tDT is the internally generated Dead Time with:
20K
Ω ≤ ROFF ≤ 100KΩ
0.47nF
≤ COFF ≤ 100nF
tDT = 1µs (typical value)
Therefore:
tOFF(MIN) = 6.6µs
tOFF(MAX) = 6ms
These values allow a sufficient range of tOFF to implement the drive circuit for most motors.
The capacitor value chosen for COFF also affects the Rise Time tRCRISE of the voltage at the pin RCOFF. The
Rise Time tRCRISE will only be an issue if the capacitor is not completely charged before the next time the
monostable is triggered. Therefore, the on time tON, which depends by motors and supply parameters, has to
OFF
BC
DD
A
tON
tOFF
BC
ON
2.5V
0
Slow Decay
Slow Decay
1
µs tBLANK
tRCRISE
tRCRISE
SYNCHRONOUS RECTIFICATION
1
µs tBLANK
5V
VRC
VSENSE
VREF
IOUT
VREF
RSENSE
D02IN1351
tOFF
1
µs tDT
1
µs tDT
tRCFALL
tRCFALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com