Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-HEC3-RMA Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PD-HEC3-RMA
Description  PANEL MOUNT ADAPTER FOR HEC3 SERIES PANEL CONNECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-HEC3-RMA Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-HEC3-RMA Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
5
4
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
1 of 1
SHEET
PANEL MOUNT ADAPTER FOR HEC3
SERIES PANEL CONNECTORS
PD-HEC3 XMA
PB
7/31/15
RoHS
COMPLIANT
Housing material: PA, UL-94V-0, color black
ORDERING CODE:
PD-HEC3-__MA
1
1) Mounting type:
Front mount = F
Rear mount = R
PANEL CUTOUT
FRONT MOUNT
REAR MOUNT


Similar Part No. - PD-HEC3-RMA

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-HEC3-FCC-3-B POWERDYNAMICS-PD-HEC3-FCC-3-B Datasheet
164Kb / 1P
IP67 DUSTPROOF / WATERPROOF
PD-HEC3-FCC-3-BL POWERDYNAMICS-PD-HEC3-FCC-3-BL Datasheet
164Kb / 1P
IP67 DUSTPROOF / WATERPROOF
PD-HEC3-FCC-3-G POWERDYNAMICS-PD-HEC3-FCC-3-G Datasheet
164Kb / 1P
IP67 DUSTPROOF / WATERPROOF
PD-HEC3-FCC-3-R POWERDYNAMICS-PD-HEC3-FCC-3-R Datasheet
164Kb / 1P
IP67 DUSTPROOF / WATERPROOF
PD-HEC3-FCC-4-B POWERDYNAMICS-PD-HEC3-FCC-4-B Datasheet
164Kb / 1P
IP67 DUSTPROOF / WATERPROOF
More results

Similar Description - PD-HEC3-RMA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-026PL-6P6MN GLENAIR-790-026PL-6P6MN Datasheet
865Kb / 5P
Panel Mount Connectors, Crimp Termination
790-027SH-66MEN GLENAIR-790-027SH-66MEN Datasheet
948Kb / 5P
Panel Mount Connectors, Crimp Termination
M24758-19C GLENAIR-M24758-19C Datasheet
51Kb / 2P
Adapter for Panel Termination
M24758-25C GLENAIR-M24758-25C Datasheet
50Kb / 1P
Adapter for Panel Termination
M24758-26C32 GLENAIR-M24758-26C32 Datasheet
229Kb / 2P
Adapter for Panel Termination
M24758-19-16-A GLENAIR-M24758-19-16-A Datasheet
77Kb / 1P
Adapter for Panel Termination
650-061 GLENAIR-650-061 Datasheet
234Kb / 1P
Rear Panel Mount Dummy Receptacle for 804 Connectors
logo
Neutrik AG
NA3FDM NEUTRIK-NA3FDM Datasheet
85Kb / 3P
XLR female-male feedthrough adapter for panel mount
NA3MDF NEUTRIK-NA3MDF Datasheet
83Kb / 3P
XLR male-female feedthrough adapter for panel mount
logo
Amphenol Sine Systems C...
PRM ASS-PRM Datasheet
2Mb / 6P
Panel Rack Mount Power Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com