Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM357 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM357
Description  Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM357 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM357 Datasheet HTML 12Page - National Semiconductor (TI) LM357 Datasheet HTML 13Page - National Semiconductor (TI) LM357 Datasheet HTML 14Page - National Semiconductor (TI) LM357 Datasheet HTML 15Page - National Semiconductor (TI) LM357 Datasheet HTML 16Page - National Semiconductor (TI) LM357 Datasheet HTML 17Page - National Semiconductor (TI) LM357 Datasheet HTML 18Page - National Semiconductor (TI) LM357 Datasheet HTML 19Page - National Semiconductor (TI) LM357 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Typical Applications (Continued)
D1 is a Schottky type diode such as a 1N5818 or 1N5819.
L1 is found as described in the buck converter section, using
the inductance chart for Figure 16 for the boost configuration
and 20% discontinuity.
INVERTING REGULATOR
Figure 20 shows the basic configuration for an inverting
regulator. The input voltage is of a positive polarity, but the
output is negative. The output may be less than, equal to, or
greater in magnitude than the input. The relationship be-
tween the magnitude of the input voltage and the output
voltage is V
o =Vin x(ton/toff).
Figure 21 shows an LM2578A configured as a 5V to −15V
polarity inverter with an output current of 300 mA, a load
regulation of 44 mV (60 mA to 300 mA) and a line regulation
of 50 mV (4.5V
≤ V
in
≤ 8.5V).
R1 = (|V
o| +1) R2 where R2 = 10 k
Ω.
R3 = V/(I
L(max, DC) + 0.5
∆I
L).
R4 = 10V
BE1Bf/(IL (max, DC) + 0.5
∆I
L)
where:
V, V
BE1,Vsat, and Bf are defined in the “Buck Converter with
Boosted Output Current” section.
∆I
L = 2(ILOAD(min))(Vin +|Vo|)/VIN
R5 is defined in the “Buck with Boosted Output Current”
section.
R6 serves the same purpose as R4 in the Boost Regulator
circuit and is typically 220 k
Ω.
C1, C3 and C4 are defined in the “Boost Regulator” section.
C2
≥ I
o |Vo|/[fosc(|Vo|+Vin)Vripple]
L1 is found as outlined in the section on buck converters,
using the inductance chart of Figure 16 for the invert con-
figuration and 20% discontinuity.
BUCK-BOOST REGULATOR
The Buck-Boost Regulator, shown in Figure 22, may step a
voltage up or down, depending upon whether or not the
desired output voltage is greater or less than the input
voltage. In this case, the output voltage is 12V with an input
voltage from 9V to 15V. The circuit exhibits an efficiency of
75%, with a load regulation of 60 mV (10 mA to 100 mA) and
a line regulation of 52 mV.
R1=(V
o − 1) R2 where R2 = 10 k
Ω
R3 = V/0. 75A
R4, C1, C3 and C4 are defined in the “Boost Regulator”
section.
D1 and D2 are Schottky type diodes such as the 1N5818 or
1N5819.
where:
V
d is the forward voltage drop of the diodes.
V
sat is the saturation voltage of the LM2578A output transis-
tor.
V
sat1 is the saturation voltage of transistor Q1.
L1
≥ (V
in −Vsat −Vsat1)(ton/Ip)
00871110
FIGURE 20. Basic Inverting Regulator
00871112
V
in =5V
R4=190
Ω
V
o = −15V
R5 = 82
Ω
V
ripple =5mV
R6=220 k
Ω
I
o = 300 mA
C1 = 1820 pF
I
min = 60 mA
C2 = 1000 µF
f
osc =50kHz
C3=20pF
R1 = 160 k
Ω
C4 = 0.0022 µF
R2=10k
Ω
L1 = 150 µH
R3 = 0.01
Ω
D1 = 1N5818
FIGURE 21. Inverting Regulator
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com