Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD3V3D3 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ESD3V3D3
Description  3.3Volts ESD Protection Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESD3V3D3 Datasheet(HTML) 1 Page - Micro Commercial Components

  ESD3V3D3 Datasheet HTML 1Page - Micro Commercial Components ESD3V3D3 Datasheet HTML 2Page - Micro Commercial Components ESD3V3D3 Datasheet HTML 3Page - Micro Commercial Components ESD3V3D3 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micro Commercial Components
20736 Marilla Street Chatsworth
CA91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
ESD3V3D3
3.3Volts
ESD Protection
SOD323
Features
•
For sensitive ESD protection
•
Low clamping voltage
•
Low leakage
•
Protects one power or I/O port
•
ESD protection > 40 kV
•
Fast response ,response time less than 1ns.
Maximum Ratings
•
Operating Junction &StorageTemperature: -55
°C to +150°C
Parameter
Symbol
Limits
unit
IEC61000-4-2(ESD)
Air
Contact
f15
f8
KV
ESD Voltage per human body mode
40
KV
Power Dissipation
Ppp
500
W
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
D
H
G
J
Devices
Revision: B
2013/01/01
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - ESD3V3D3

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
ESD3V3D3 YINT-ESD3V3D3 Datasheet
501Kb / 3P
ESD Protection Diode
ESD3V3D3 YINT-ESD3V3D3 Datasheet
668Kb / 4P
Four-Lines ESD Protection
logo
Micro Commercial Compon...
ESD3V3D3B MCC-ESD3V3D3B Datasheet
890Kb / 4P
3.3Volts ESD Protection Devices
logo
Shanghai Yint Electroni...
ESD3V3D3B YINT-ESD3V3D3B Datasheet
503Kb / 3P
ESD Protection Diode
More results

Similar Description - ESD3V3D3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0402-140 MACOM-PESD0402-140 Datasheet
275Kb / 6P
ESD Protection Devices
logo
Surge Components
ESDPSA0402V05 SURGE-ESDPSA0402V05 Datasheet
210Kb / 5P
ESD Protection Devices
ESDPSA0603V24 SURGE-ESDPSA0603V24 Datasheet
208Kb / 5P
ESD Protection Devices
logo
Nanjing International G...
ESDPSA0603V12-3.0 DGNJDZ-ESDPSA0603V12-3.0 Datasheet
227Kb / 5P
ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV12 LEIDITECH-PESD0603AV12 Datasheet
496Kb / 6P
ESD Protection Devices
logo
E-CMOS Corporation
ECSD0402V12 E-CMOS-ECSD0402V12 Datasheet
157Kb / 4P
ESD Protection Devices
logo
Micro Commercial Compon...
ESD3V3AP MCC-ESD3V3AP Datasheet
365Kb / 4P
3.3Volts ESD Protection Device
ESD3V3D3B MCC-ESD3V3D3B Datasheet
890Kb / 4P
3.3Volts ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV24 LEIDITECH-PESD0603AV24 Datasheet
553Kb / 6P
ESD Protection Devices
logo
Nanjing International G...
ESD0402V05 DGNJDZ-ESD0402V05 Datasheet
1Mb / 5P
ESD Protection Devices
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com