Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4440 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4440
Description  High Speed, High Voltage High Side Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4440 Datasheet HTML 2Page - Linear Technology LTC4440 Datasheet HTML 3Page - Linear Technology LTC4440 Datasheet HTML 4Page - Linear Technology LTC4440 Datasheet HTML 5Page - Linear Technology LTC4440 Datasheet HTML 6Page - Linear Technology LTC4440 Datasheet HTML 7Page - Linear Technology LTC4440 Datasheet HTML 8Page - Linear Technology LTC4440 Datasheet HTML 9Page - Linear Technology LTC4440 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC4440
4440i
TI I G DIAGRA
VIH
90%
10%
tr
INPUT (INP)
OUTPUT (TG)
INPUT RISE/FALL TIME < 10ns
VIL
tf
tPLH
4440 TD
tPHL
BLOCK DIAGRA
BOOST
TS
GND
TG
BOOST
4440 BD
VIN
UP TO 80V,
TRANSIENT
UP TO 100V
TS
HIGH SIDE
UNDERVOLTAGE
LOCKOUT
UNDERVOLTAGE
LOCKOUT
LEVEL SHIFTER
VCC
8V TO 15V
GND
INP
Exposed Pad MS8E Package
INP (Pin 1): Input Signal. TTL/CMOS compatible input
referenced to GND (Pin 2).
GND (Pins 2, 4): Chip Ground.
VCC (Pin 3): Chip Supply. This pin powers the internal low
side circuitry. A low ESR ceramic bypass capacitor should
be tied between this pin and the GND pin (Pin 2).
NC (Pin 5): No Connect. No connection required. For
convenience, this pin may be tied to Pin 6 (BOOST) on the
application board.
BOOST (Pin 6): High Side Bootstrapped Supply. An exter-
nal capacitor should be tied between this pin and TS
(Pin 8). Normally, a bootstrap diode is connected between
VCC (Pin 3) and this pin. Voltage swing at this pin is from
VCC – VD to VIN + VCC – VD, where VD is the forward voltage
drop of the bootstrap diode.
TG (Pin 7): High Current Gate Driver Output (Top Gate).
This pin swings between TS and BOOST.
TS (Pin 8): Top (High Side) Source Connection.
Exposed Pad (Pin 9): Ground. Must be electrically con-
nected to Pins 2, 4.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com