Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL2455 Datasheet(PDF) 21 Page - Micronas

Part # HAL2455
Description  High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2455 Datasheet(HTML) 21 Page - Micronas

Back Button HAL2455 Datasheet HTML 17Page - Micronas HAL2455 Datasheet HTML 18Page - Micronas HAL2455 Datasheet HTML 19Page - Micronas HAL2455 Datasheet HTML 20Page - Micronas HAL2455 Datasheet HTML 21Page - Micronas HAL2455 Datasheet HTML 22Page - Micronas HAL2455 Datasheet HTML 23Page - Micronas HAL2455 Datasheet HTML 24Page - Micronas HAL2455 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DATA SHEET
HAL 2455
Micronas
Jan. 14, 2016; DSH000173_001E
21
4.4. Sensitive Area
4.4.1. Dimensions
250 µm x 250 µm
4.4.2. Package Parameter and Position
SOIC8-1
TO92UT-1/-2
A4
0.48 mm nominal
0.4 mm nominal
Bd
0.3 mm
0.3 mm
x
0 mm nominal (center of package)
y
0.13 mm nominal
1.55 mm nominal
D1
-
4.05 mm ± 0.05 mm
H1
-
min. 22.0 mm
max. 24.1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com