Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7421 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # L7421
Description  Miniature Quartz Halogen Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

L7421 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  L7421 Datasheet HTML 1Page - Gilway Technical Lamp L7421 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Quartz Halogen Projection Lamps
Color Temp.
Filament
Line
Part
Degrees
Life
Burning
Filament
Dimensions
Dimensions
Base
No.
No.
Volts
Watts Lumens
Kelvin
Hours
Position
Type
Lgth. x Dia.
D
MOL
LCL
Type
Drawing
1
L7418
24
250
6,750
3,250
300
Any*
C-Bar-6
7.2 x 3.4
14.5
57
33
GY6.35
A
2
L7419
36
400
14,000
3,400
50
Any*
C-Bar-6
9.0 x 4.6
18.0
60
36
GY6.35
A
3
L7420
36
400
10,500
3,250
300
Any*
C-Bar-6
11.8 x 4.6
19.5
60
36
GY6.35
A
4
L7421
120
100
1,900
3,000
200
Any*
CC-6
7.0 x 2.6
13.5
50
30
GY6.35
A
5
L7422
120
150
3,300
3,050
200
Any*
CC-6
7.1 x 3.1
13.5
50
30
GY6.35
A
6
L7423
120
250
5,750
3,100
300
Any*
CC-6
10.5 x 3.6
16.0
50
33
GY6.35
A
* Seal Temperature Must Not Exceed 350°C. Recommended Holders/Sockets Pages 32 & 33
A
D
Precision Quartz Halogen Lamps, Prefocused Filaments
Color Temp.
Filament
Line
Part
Degrees
Life
Burning Filament
Dimensions
Dimensions
Base
No.
No.
Volts
Watts Lumens
Kelvin
Hours
Position
Type
Lgth. x Dia.
D
MOL
LCL
Type
Dwg
7
L9404
12.0
20
300
2,700
2,000
Any
C-6
3.24 x 0.92
11.0
55.0
30.3±0.25
GY9.5
B
8
L9389
12.0
50
900
3,000
2,000
Any
C-6
4.50 x1.64
12.0
60.0
33.3±0.25
GY9.5
C
9
L9390
12.0
100
2,400
2,990
2,000
*
C-Bar 6
5.50 x 3.00
11.0
60.0
33.3±0.25
GY9.5
D
*Base Down to Horizontal, Cooling Required L9390 Only. Recommended Holders/Sockets Page 35
B
C
18



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com