Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S21 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP6S21
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S21 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP6S21 Datasheet HTML 23Page - Microchip Technology MCP6S21 Datasheet HTML 24Page - Microchip Technology MCP6S21 Datasheet HTML 25Page - Microchip Technology MCP6S21 Datasheet HTML 26Page - Microchip Technology MCP6S21 Datasheet HTML 27Page - Microchip Technology MCP6S21 Datasheet HTML 28Page - Microchip Technology MCP6S21 Datasheet HTML 29Page - Microchip Technology MCP6S21 Datasheet HTML 30Page - Microchip Technology MCP6S21 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
 2003 Microchip Technology Inc.
DS21117A-page 27
MCP6S21/2/6/8
6.4.5
EXPANDED INPUT PGA
Figure 6-8 shows cascaded MCP6S28s that provide
up to 15 input channels. Obviously, Sensors #7-14
have a high total gain range available, as explained in
Section 6.4.3, “Extended Gain Range”. These devices
can be daisy chained (Section 5.3, “Daisy Chain
Configuration”).
FIGURE 6-8:
PGA with Expanded Inputs.
6.4.6
PICmicro® MCU WITH EXPANDED
INPUT CAPABILITY
Figure 6-9 shows an MCP6S28 driving an analog input
to a PICmicro® microcontroller. This greatly expands
the input capacity of the microcontroller, while adding
the ability to select the appropriate gain for each
source.
FIGURE 6-9:
Expanded Input for a
PICmicro Microcontroller.
6.4.7
ADC DRIVER
The family of PGA’s is well suited for driving Analog-to-
Digital Converters (ADC). The binary gains (1, 2, 4, 8,
16 and 32) effectively add five more bits to the input
range (see Figure 6-10). This works well for applica-
tions needing relative accuracy more than absolute
accuracy (e.g., power monitoring).
FIGURE 6-10:
PGA as an ADC Driver.
At low gains, the ADC’s Signal-to-Noise Ratio (SNR)
will dominate since the PGAs input noise voltage den-
sity is so low (10 nV/
√Hz @ 10 kHz, typ.). At high gains,
the PGA’s noise will dominate the SNR, but its low
noise supports most applications. Again, these PGAs
add the flexibility of selecting the best gain for an
application.
The low pass filter in the block diagram reduces the
integrated noise at the MCP6S28’s output and serves
as an anti-aliasing filter. This filter may be designed
using Microchip’s FilterLab® software, available at
www.microchip.com.
Sensors
Sensors
MCP6S28
MCP6S28
VOUT
# 0-6
# 7-14
VIN
MCP6S28
PICmicro®
Microcontroller
SPI™
VIN
OUT
MCP6S28
Lowpass
Filter
12
MCP3201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com