Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S28 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP6S28
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S28 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP6S28 Datasheet HTML 35Page - Microchip Technology MCP6S28 Datasheet HTML 36Page - Microchip Technology MCP6S28 Datasheet HTML 37Page - Microchip Technology MCP6S28 Datasheet HTML 38Page - Microchip Technology MCP6S28 Datasheet HTML 39Page - Microchip Technology MCP6S28 Datasheet HTML 40Page - Microchip Technology MCP6S28 Datasheet HTML 41Page - Microchip Technology MCP6S28 Datasheet HTML 42Page - Microchip Technology MCP6S28 Datasheet HTML 43Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
 2002 Microchip Technology Inc.
DS21117A-page 39
MCP6S21/2/6/8
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Device:
MCP6S21:
One Channel PGA
MCP6S21T: One Channel PGA
(Tape and Reel for SOIC and MSOP)
MCP6S22:
Two Channel PGA
MCP6S22T: Two Channel PGA
(Tape and Reel for SOIC and MSOP)
MCP6S26:
Six Channel PGA
MCP6S26T: Six Channel PGA
(Tape and Reel for SOIC and TSSOP)
MCP6S28:
Eight Channel PGA
MCP6S28T: Eight Channel PGA
(Tape and Reel for SOIC)
Temperature Range:
I
= -40°C to +85°C
Package:
MS = Plastic Micro Small Outline (MSOP), 8-lead
P
= Plastic DIP (300 mil Body), 8, 14, and 16-lead
SN = Plastic SOIC, (150 mil Body), 8-lead
SL = Plastic SOIC (150 mil Body), 14, 16-lead
ST = Plastic TSSOP (4.4mm Body), 14-lead
Examples:
a)
MCP6S21-I/P: One Channel PGA,
PDIP package.
b)
MCP6S21-I/SN: One Channel PGA,
SOIC package.
c)
MCP6S21-I/MS: One Channel PGA,
MSOP package.
d)
MCP6S22-I/MS: Two Channel PGA,
MSOP package.
e)
MCP6S22T-I/MS: Tape and Reel,
Two Channel PGA, MSOP package.
f)
MCP6S26-I/P: Six Channel PGA,
PDIP package.
g)
MCP6S26-I/SN: Six Channel PGA,
SOIC package.
h)
MCP6S26T-I/ST: Tape and Reel,
Six Channel PGA, TSSOP package.
i)
MCP6S28T-I/SL: Tape and Reel,
Eight Channel PGA, SOIC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com