Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1095AF Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM1095AF
Description  System Reset (with built-in watchdog timer)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1095AF Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM1095AF Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1095AF Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1095AF Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1095AF Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1095AF Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1095AF Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1095AF Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MITSUMI
System Reset (with built-in watchdog timer) MM1095
Pin Description
Pin No.
Name
Function
1
TC
2
N.C
3
CK
4
GND
5
VCC
6
RCT
7
VS
8
RESET
------------------------------------------------------------------------------------
TWD, TWR, TPR variable pins
.
TPR (mS)=5000
CT (µF)
(TWD, TWR and TPR times are determined
TWD (mS)=500
CT (µF)
by the external capacitor.)
TWR (mS)=100
CT (µF)
Clock input pin, inputs clock from logic system
GND pin
Voltage detection
MM1095A
3.2V, MM1095B
4.2V
Watchdog timer stop pin
Operation modes : Operation
OPEN, Stop
connect to GND
Detection voltage variable pin
Reset output pin (low output)
Absolute Maximum Ratings
Item
Symbol
Rating
Units
Power supply voltage
VCC max.
-0.3~+10
V
CK pin input voltage
VCK
-0.3~VCC+0.3 ( <
= +10)
V
VS pin input voltage
VVS
-0.3~VCC+0.3 ( <
= +10)
V
Voltage applied to RCT pin
VRCT
-0.3~VCC+0.3 ( <
= +10)
V
Voltage applied to RESET
--------------------------------------------
pin
VOH
-0.3~VCC+0.3 ( <
= +10)
V
Allowable loss
Pd
400
mW
Storage temperature
TSTG
-40~+125
°C
Recommended Operating Conditions
Item
Symbol
Rating
Units
Power supply voltage
VCC
+2.2~+7.0
V
RESET
-------------------------------------------
sync current
IOL
0~1.0
mA
Clock monitoring time setting
TWD
0.1~1000
mS
Clock rise and fall times
tFC, tRC
<100
µS
TC pin capacitance
CT
0.0002~2
µF
Operating temperature
TOP
-25~+75
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com