Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2ABF Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # ES2ABF
Description  Super-Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES2ABF Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ES2ABF Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES2ABF Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES2ABF Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited ES2ABF Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Super-Fast Rectifiers
ES2ABF--ES2DBF
SBF108AA
www.gmesemi.com
Rev.B
Production specification
Features
For surface mounted applications
Low profile package
Low forward voltage drop
High surge current capability
RoHS Compliant
Mechanical Data
Case: SMBF molded plastic
Molding compound, UL flammability classification rating 94V-0
Terminals: Solder plated, solderable per MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES2ABF
ES2BBF
ES2CBF
ES2DBF
Units
Peak repetitive reverse voltage
VRRM
50
100
150
200
V
RMS reverse voltage
VRMS
35
70
105
140
V
DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward output current
IF(AV)
2.0
A
Peak forward surge current,
8.3ms single half-sine-wave
IFSM
50
A
Thermal Characteristics
Note:
1. Device mounted on PCB with 10 mm x 20 mm x 0.1mm copper pad areas
Parameter
Symbol
ES2ABF
ES2BBF
ES2CBF
ES2DBF
Units
Typical thermal resistance
(Note 1)
R ΘJA
R ΘJC
R ΘJL
65
°C/W
16
15
Operating junction temperature range
TJ
- 55 ---- + 150
°C
Storage temperature range
TSTG
- 55 ---- + 150
°C


Similar Part No. - ES2ABF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ES2ABF CHENDA-ES2ABF Datasheet
601Kb / 2P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2ABF YFWDIODE-ES2ABF Datasheet
90Kb / 3P
Surface Mount Superfast Recovery Rectifier
ES2ABF YFWDIODE-ES2ABF Datasheet
426Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Guangdong Juxing Electr...
ES2ABF JUXING-ES2ABF Datasheet
732Kb / 3P
Surface Mount Superfast Rectifiers
logo
Jiangsu High diode Semi...
ES2ABF HDSEMI-ES2ABF Datasheet
1Mb / 4P
SMBF Plastic-Encapsulate Diodes
More results

Similar Description - ES2ABF

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com