Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5711-1/2 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # SFH5711-1/2
Description  High Accuracy Ambient Light Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5711-1/2 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button SFH5711-1/2 Datasheet HTML 6Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 7Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 8Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 9Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 10Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 11Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 12Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 13Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Version 1.7
SFH 5711
2015-12-22
13
Glossary
1) Operating and storage temperature range: Maximum operating and storage temperature of 100 °C is only
valid with storage conditions according to JEDEC Moisture Sensitivity Level (MSL) 4. With storage conditions
according to JEDEC MSL 3, the max. operating and storage temperature is 85 °C.
2) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com