Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5711 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH5711
Description  High Accuracy Ambient Light Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5711 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH5711 Datasheet HTML 1Page - OSRAM GmbH SFH5711 Datasheet HTML 2Page - OSRAM GmbH SFH5711 Datasheet HTML 3Page - OSRAM GmbH SFH5711 Datasheet HTML 4Page - OSRAM GmbH SFH5711 Datasheet HTML 5Page - OSRAM GmbH SFH5711 Datasheet HTML 6Page - OSRAM GmbH SFH5711 Datasheet HTML 7Page - OSRAM GmbH SFH5711 Datasheet HTML 8Page - OSRAM GmbH SFH5711 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2015-12-22
2
Version 1.7
SFH 5711
Maximum Ratings (TA = 25 °C)
Operating Conditions
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range 1) page 13
T
op; Tstg
-40 ... 100
°C
Supply voltage
V
CC
6
V
Output voltage
V
OUT
< V
CC
V
Electrostatic discharge
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2000
V
Parameter
Symbol
Values
Unit
min
typ
max
Supply voltage
VCC
2.3
5.5
V
Illuminance
(TA = -30 °C ... 70 °C)
EV
3 ...
80 k
lx
Illuminance
(T
A = -40 °C ... 100 °C)
E
V
10 ...
80 k
lx
Parameter
Symbol
Values
Unit
Current consumption
(typ)
(max)
I
cc
Icc
0.41
0.5
mA
mA
Current consumption
(EV = 0, VCC = 5 V)
(typ)
ICC
0.42
mA
Current consumption
(typ)
(max)
Icc
I
cc
0.46
0.55
mA
mA
Current consumption
(E
V = 1000 lx, VCC = 5 V)
(typ)
I
CC
0.47
mA
Wavelength of max. sensitivity
(min)
(typ)
(max)
λ
s max
λS max
λs max
540
555
570
nm
nm
nm
Spectral range of sensitivity
(min)
(max)
λ10%
λ
10%
475
650
nm
nm
Dimensions of radiant sensitive area
(typ)
L x W
0.4 x 0.4
mm x
mm
Output capacitance
(typ)
C
OUT
3
pF
Transfer function
(Fig.: Circuitry)
(min)
(typ)
(max)
G
G
G
9.5
10
10.5
µA / dec
µA / dec
µA / dec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com