Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7060 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH7060
Description  BioMon Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7060 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH7060 Datasheet HTML 1Page - OSRAM GmbH SFH7060 Datasheet HTML 2Page - OSRAM GmbH SFH7060 Datasheet HTML 3Page - OSRAM GmbH SFH7060 Datasheet HTML 4Page - OSRAM GmbH SFH7060 Datasheet HTML 5Page - OSRAM GmbH SFH7060 Datasheet HTML 6Page - OSRAM GmbH SFH7060 Datasheet HTML 7Page - OSRAM GmbH SFH7060 Datasheet HTML 8Page - OSRAM GmbH SFH7060 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Version 1.1
SFH7060
2016-04-20
3
Note: The stated maximum ratings refer to single emitter chip operation, unless otherwise specified.
Maximum Ratings (T
A = 25 °C)
Parameter
Symbol
Values
Unit
General
Operating temperature range
T
op
-40 … 85
°C
Storage temperature range
T
stg
-40 … 85
°C
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2kV
Infrared Emitter
Reverse Voltage
V
R
5V
Forward current
I
F (DC)
60
mA
Surge current
(t
p = 100 µs, D = 0)
I
FSM
1A
Red Emitter
Reverse voltage
V
R
12
V
Forward current
I
F (DC)
40
mA
Surge current
(t
p = 100 µs, D = 0)
I
FSM
600
mA
Green Emitters
Reverse voltage
V
R
5V
Forward current (single operation)
I
F (DC)
25
mA
Forward current (all three green emitters
operation)
I
F (DC)
15
mA
Surge current (single and all three emitters
operation) (t
p = 100 µs, D = 0)
I
FSM
300
mA
Detector
Reverse voltage
V
R
16
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com