Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9206 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH9206
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9206 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH9206 Datasheet HTML 1Page - OSRAM GmbH SFH9206 Datasheet HTML 2Page - OSRAM GmbH SFH9206 Datasheet HTML 3Page - OSRAM GmbH SFH9206 Datasheet HTML 4Page - OSRAM GmbH SFH9206 Datasheet HTML 5Page - OSRAM GmbH SFH9206 Datasheet HTML 6Page - OSRAM GmbH SFH9206 Datasheet HTML 7Page - OSRAM GmbH SFH9206 Datasheet HTML 8Page - OSRAM GmbH SFH9206 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2015-12-22
2
Version 1.5
SFH 9206
Maximum Ratings (TA = 25 °C)
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Emitter
Reverse voltage
V
R
5
V
Forward current
I
F
50
mA
Surge current
(tp ≤ 10 μs, D=0)
I
FSM
0.7
A
Power consumption
Ptot
100
mW
Thermal resistance junction - ambient
1) page 14
RthJA
495
K / W
Detector
Collector-emitter voltage
V
CE
16
V
Collector-emitter voltage
(t ≤ 2 min)
V
CE
30
V
Emitter-collector voltage
VEC
7
V
Collector current
IC
10
mA
Total Power dissipation
Ptot
100
mW
Thermal resistance junction - ambient
1) page 14
RthJA
495
K / W
Interrupter
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Ambient temperature range
T
A
-40 ... 100
°C
Total power dissipation
P
tot
150
mW
Electrostatic discharge
V
ESD
2
kV
Parameter
Symbol
Values
Unit
Emitter
Peak wavelength
(IF = 50 mA, tp = 20 ms)
(typ)
λpeak
950
nm
Forward voltage
(I
F = 50 mA, tp = 20 ms)
(typ (max)) V
F
1.45 (≤ 1.8)
V
Reverse current
(V
R = 5 V)
I
R
not designed for
reverse operation
µA
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com