Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLBK98-40 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLBK98-40
Description  Unmounted monolithic linear array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLBK98-40 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLBK98-40 Datasheet HTML 1Page - OSRAM GmbH SPLBK98-40 Datasheet HTML 2Page - OSRAM GmbH SPLBK98-40 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
07.07.2017
2
DRAFT – For reference only. Subject to change – 
may be necessary in a limited number of cases.
Version 0.1
SPL BK98-40
Characteristics1) (TA = 25 °C)
Dimensions
Parameter
Symbol
Values
Unit
min.
typ.
max.
Recommended output power
Pop
-
250
-
W
Threshold current
Ith
-24
28
A
Operating current2)
Iop
-
256
280
A
Slope efficiency
η
0.97
1.07
-
W/A
Total conversion efficiency2)3)
ηtot
-67-
%
Beam divergence fast-axis2)4)
θ
-40-
°
Beam divergence slow-axis2)3)4)
θ
II
-7.5
-
°
Center pulse wavelength (wafer median)
λpulse
964
969
974
nm
Spectral width (FWHM)2)
Δλ
-3-
nm
TE Polarization2)3)
PTE
-> 95
-
%
1) All characteristics and limitations refer to pulsed measurements (1 μs pulse width at 4 kHz repetition rate) of
unmounted laser bars. The realization of the specified values in cw-mode (continuous wave mode) implies a suitable
mounting technology with a thermal resistance of Rth < 0.3 K/W. The operating emission wavelength depends on the
operating mode (cw or pulsed, ambient temperature, thermal resistance Rth) and is in general higher than the
specified center pulse wavelength λpulse. All characteristics obtained in the respective operating mode may differ
from the characteristics specified herein.
2) Specified at the typical optical output power Pop, typ.
3)
Parameter strongly depends on bar mounting. 
Typical values for cw-operation of bars mounted with hard solder (Rth = 0.3 K/W, TA = 20°C).
4)
Full width at 95% power content.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Number of emitters
n
-25
-
Single emitter contact width
w
-
200
-
µm
Emitter pitch
p
-
400
-
µm
Fill factor
F
-50
-
%
Bar width
W
11.3
11.4
11.5
mm
Bar height
H
105
115
125
µm
Resonator length
L
3990
4000
4010
µm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com