Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLTR85 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLTR85
Description  Infrared Laser Diode in TO56 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLTR85 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLTR85 Datasheet HTML 1Page - OSRAM GmbH SPLTR85 Datasheet HTML 2Page - OSRAM GmbH SPLTR85 Datasheet HTML 3Page - OSRAM GmbH SPLTR85 Datasheet HTML 4Page - OSRAM GmbH SPLTR85 Datasheet HTML 5Page - OSRAM GmbH SPLTR85 Datasheet HTML 6Page - OSRAM GmbH SPLTR85 Datasheet HTML 7Page - OSRAM GmbH SPLTR85 Datasheet HTML 8Page - OSRAM GmbH SPLTR85 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2017-07-24
2
DRAFT - This design is for Reference only. Subject to change
without notice.
Version 0.2
SPL TR85
Ordering Information
Maximum Ratings
Operation outside these conditions may damage the device. Operation at maximum ratings may influence
lifetime.
Characteristics (T
case = 25 °C)
Type:
Optical Output Power
Ordering Code
Popt (Tcase = 25°C)
SPL TR85
200 mW
Q65112A1150
Parameter
Symbol
Values
Unit
min.
max.
Optical Output Power
P
opt max
220
mW
Operating Current
I
F
260
mA
Operating Temperature
T
case
-20
+60
°C
Storage Temperature
T
stg
-40
+85
°C
Reverse Voltage
V
R
3
V
Reverse Voltage of Photodiode
V
RPD
30
V
Soldering Temperature max. 10 sec.
T
solder
260
°C
Parameter
Symbol
Values
Unit
min.
typ.
max.
Emission Wavelength
1)
1)
Standard operating conditions refer to a continuous wave output power of P
opt = 200 mW.
λ
peak
840
850
860
nm
Spectral Width (FWHM) 1)
∆λ
3
nm
Threshold Current
I
th
56
85
mA
Operating Current 1)
I
F
225
255
mA
Operating Voltage
1)
V
F
1.77
2.20
V
Beam Divergence (FWHM) 1)
θ
x
θ
6 x
19
deg
Polarization 1)
P
gr
20:1
Modulation Frequency
f
100
MHz
Thermal resistance (junction to case)
R
th
50
K/W
Monitor current
1) 2)
2)
Monitor current refers to a reverse voltage of V
RPD = 5 V. Monitor current is for short time power reference purpose
only. Not guaranteed for accuracy.
I
m
600
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com