Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84330BVT Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS84330BVT
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84330BVT Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS84330BVT Datasheet HTML 6Page - Integrated Circuit Systems ICS84330BVT Datasheet HTML 7Page - Integrated Circuit Systems ICS84330BVT Datasheet HTML 8Page - Integrated Circuit Systems ICS84330BVT Datasheet HTML 9Page - Integrated Circuit Systems ICS84330BVT Datasheet HTML 10Page - Integrated Circuit Systems ICS84330BVT Datasheet HTML 11Page - Integrated Circuit Systems ICS84330BVT Datasheet HTML 12Page - Integrated Circuit Systems ICS84330BVT Datasheet HTML 13Page - Integrated Circuit Systems ICS84330BVT Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
84330BV
www.icst.com/products/hiperclocks.html
REV. B JULY 26, 2004
10
Integrated
Circuit
Systems, Inc.
ICS84330
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
The schematic of the ICS84330 layout example used in
this layout guideline is shown in
Figure 6A. The ICS84330
recommended PCB board layout for this example is shown
in
Figure 6B. This layout example is used as a general guide-
LAYOUT GUIDELINE
FIGURE 6A. SCHEMATIC OF RECOMMENDED LAYOUT
line. The layout in the actual system will depend on the
selected component types, the density of the components,
the density of the traces, and the stack up of the P.C. board.
C4
0.1u
M8
M5
VCCA
C3
0.1uF
S P = S p a ce (i .e . n o t i n tsta l l e d )
M6
Fou t = 20 0 M Hz
RU0
SP
Zo = 50 Ohm
N[1:0] =00 (Di vi de by 2 )
M4
R1
50
N1
U1
ICS84330
1
2
3
4
12
13
14
15
16
17
18
27
26
28
VCCA
FREF_EXT
XTAL_SEL
XTAL1
M4
M5
M6
M7
M8
N0
N1
S_DATA
S_CLOCK
S_LOAD
VCC
R2
50
RD9
1K
N2
V CC=3 .3 V
RU7
1K
RU1
SP
RD7
SP
Zo = 50 Ohm
RU10
1K
VCC
RD10
SP
C1
SP
C11
0.01u
R7
10
+
-
RU11
SP
RU9
SP
X1
16MHz, 18pF
RU8
1K
RD6
1K
RU12
1K
M7
R3
50
RD12
SP
RD1
1K
RD0
1K
C2
SP
C16
10u
RD8
SP
M [8:0]= 11 00 10 00 0 (4 00 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com