Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW-R4MLDGDJH234 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTW-R4MLDGDJH234
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-R4MLDGDJH234 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTW-R4MLDGDJH234 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-R4MLDGDJH234 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-R4MLDGDJH234 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-R4MLDGDJH234 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-R4MLDGDJH234 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-R4MLDGDJH234 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-R4MLDGDJH234 Datasheet HTML 9Page - Lite-On Technology Corporation LTW-R4MLDGDJH234 Datasheet HTML 10Page - Lite-On Technology Corporation LTW-R4MLDGDJH234 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6/10
Part No. : LTW-R4MLDGDJH234
BNS-OD-FC002/A4
Through Hole Lamp
LTW-R4MLDGDJH234
7. Bin Table Specification
Luminous Intensity Iv (mcd) IF@20mA
Bin Code
Min.
Max.
G
140
180
H
180
240
J
240
310
K
310
400
L
400
520
Note: Tolerance of each bin limit is ±15%
Hue Ranks
Chromaticity Coordinates, CC(x, y), IF@20mA
B1
x
0.2700
0.2900
0.2900
0.2700
y
0.2455
0.2735
0.3060
0.2785
B2
x
0.2700
0.2900
0.2900
0.2700
y
0.2130
0.2410
0.2735
0.2455
C1
x
0.2900
0.3100
0.3100
0.2900
y
0.2735
0.3030
0.3355
0.3060
C2
x
0.2900
0.3100
0.3100
0.2900
y
0.2410
0.2705
0.3030
0.2735
D1
x
0.3100
0.3300
0.3300
0.3100
y
0.3030
0.3325
0.3650
0.3355
D2
x
0.3100
0.3300
0.3300
0.3100
y
0.2705
0.3000
0.3325
0.3030
Note: Color Coordinates Measurement allowance is ±0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com