Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW-R4NLDJDJH239 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTW-R4NLDJDJH239
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-R4NLDJDJH239 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTW-R4NLDJDJH239 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-R4NLDJDJH239 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-R4NLDJDJH239 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-R4NLDJDJH239 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-R4NLDJDJH239 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-R4NLDJDJH239 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-R4NLDJDJH239 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-R4NLDJDJH239 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-R4NLDJDJH239 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2/10
Part No. : LTW-R4NLDJDJH239
BNS-OD-FC002/A4
Through Hole Lamp
LTW-R4NLDJDJH239
1. Description
CBI (Circuit Board Indicator) is a black plastic right angle Holder (Housing) which mates with Lite-On LED lamps. Lite-On CBI is
available in a wide variety of packages, including top-view (Spacer) or right angle and horizontal or vertical arrays which is
stackable and easy to assembly.
1. 1. Features
Designed for ease in circuit board assembly
Black case enhance contrast ratio
Low power consumption & High efficiency
Lead free product & RoHS Compliant
LED emitted color is InGaN white with white diffused
Lens
1.2. Applications
Computer
Communication
Consumer
Industrial
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. The Holder (Housing) material is plastic (PA9T) / black.
4. The LED lamp is white color.
5.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com