Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL128G70R Datasheet(PDF) 21 Page - SPANSION

Part # AM29PDL128G70R
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL128G70R Datasheet(HTML) 21 Page - SPANSION

Back Button AM29PDL128G70R Datasheet HTML 17Page - SPANSION AM29PDL128G70R Datasheet HTML 18Page - SPANSION AM29PDL128G70R Datasheet HTML 19Page - SPANSION AM29PDL128G70R Datasheet HTML 20Page - SPANSION AM29PDL128G70R Datasheet HTML 21Page - SPANSION AM29PDL128G70R Datasheet HTML 22Page - SPANSION AM29PDL128G70R Datasheet HTML 23Page - SPANSION AM29PDL128G70R Datasheet HTML 24Page - SPANSION AM29PDL128G70R Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
20
Am29PDL128G
July 29, 2002
P R E L I M I NARY
Table 6.
SecSi
 Sector Addresses
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device to be pro-
grammed with its co rresponding programm ing
algorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires V
ID on address pin A9. Address pins
must be as shown in Table 7. In addition, when verify-
ing sector protection, the sector address must appear
on the appropriate highest order address bits (see
Table 5). Table 7 shows the remaining address bits
that are don’t care. When all necessary bits have been
set as required, the programming equipment may then
read the corresponding identifier code on DQ7–DQ0.
However, the autoselect codes can also be accessed
in-system through the command register, for instances
when the device is erased or programmed in a system
without access to high voltage on the A9 pin. The
command sequence is illustrated in Tables 14 and 16.
Note that if a Bank Address (BA) on address bits A21,
A20, and A19 is asserted during the third write cycle of
the autoselect command, the host system can read
autoselect data that bank and then immediately read
array data from the other bank, without exiting the au-
toselect mode.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Tables 14 and 16. This
method does not require V
ID. Refer to the Autoselect
Command Sequence section for more information.
Table 7.
Autoselect Codes (High Voltage Method)
Legend: L = Logic Low = V
IL, H = Logic High = VIH, BA = Bank Address, SA = Sector Address, X = Don’t care.
Note: The autoselect codes may also be accessed in-system via command sequences.
Device
Sector Size
(x32)
Address Range
(x16)
Address Range
Am29PDL128G
128 words/64 double
words
000000h–00003Fh
000000h–00007Fh
Description
CE# OE# WE#
A21
to
A11
A10
A9
A8
A7
A6
A5
to
A4
A3
A2
A1
A0
DQ31 to DQ8
(Word/Double
Word)
DQ7
to DQ0
Manufacturer ID:
AMD
LL
H
X
X
V
ID
X
X
L
X
L
L
L
L
000000h
01h
Read
Cycle 1
LL
H
X
X
V
ID
XL
L
L
LL
L
H
22h/
222222h
7Eh
Read
Cycle 2
LH
H
H
L
22h/
222222h
0Dh
Read
Cycle 3
LH
H
H
H
22h/
222222h
00h
Sector Protection
Verification
LL
H
SA
X
V
ID
XL
L
H
H
L
H
L
00h/
000000h
01h (protected),
00h (unprotected)
SecSi Indicator Bit
(DQ7)
LL
H
X
X
V
ID
XX
L
X
L
L
H
H
00h/
000000h
80h
(factory locked),
00h (not factory
locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com