Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2388 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # SW2388
Description  T304 16GA Stainless Steel Construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

SW2388 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  SW2388 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Picture
Power Dynamics, Inc.
145 Algonquin Parkway, Whippany NJ 07981
Phone: 973-560-0019
www.powerdynamics.com
Applications
Technical Data
Part Number: SW2388
Features:
T304 16GA Stainless Steel
Construction
Single 3Ø, 30A 480V IP67/69, 4/4X
Mechanical Interlock with On/Off
LED. UL Listed.
20A, 125V black weather resistant
duplex GFCI with extra duty non
metallic rain-tight in use cover
Removable lid and rear access
panel
Pre-drilled mounting holes and
access cutout for underground
conduit entry in base
Pre-installed watertight conduit
hub. No Drilling!
15.5”L x 11.4”D x 48”H
Ships fully assembled
Mechanical Interlock
Current: 30A
Voltage: 3Ø, 480V
Frequency: 60Hz
Switch Horsepower: 20HP
Clock Position: 7h (red)
Material: Glass Reinforced Polyester
Temp Rating: -40°F to 140°F
Ingress Protection: IP66/IP67/IP69
NEMA type 3R, 4/4X, 12
Safety: Dual mechanical interlock
On/Off LED
OSHA Lockout/Tagout compliant
Impact Protection: IK10 (20J)
Standards: UL508 (non-fused)
UL60947-4-1
Winery
Crush Pad
Bottling
Cellar
Food Processing
Agriculture
Dairy
Shipping Ports
Boat Docks
Rail Yards
Wind & Solar
11/16


Similar Part No. - SW2388

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
SW2389 POWERDYNAMICS-SW2389 Datasheet
609Kb / 1P
T304 16GA Stainless Steel Construction
More results

Similar Description - SW2388

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
YA9-9 LSTD-YA9-9 Datasheet
1Mb / 2P
Stainless steel construction, low wind loading
logo
PowerDynamics, Inc
SW2389 POWERDYNAMICS-SW2389 Datasheet
609Kb / 1P
T304 16GA Stainless Steel Construction
SW2390 POWERDYNAMICS-SW2390 Datasheet
573Kb / 1P
T304 16GA Stainless Steel Construction
SW2391 POWERDYNAMICS-SW2391 Datasheet
628Kb / 1P
T304 16GA Stainless Steel Construction
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
logo
Linx Technologies
ANT-2.4-YG12-N LINX-ANT-2.4-YG12-N Datasheet
182Kb / 1P
Stainless steel construction
12-21-09
ANT-2.4-YG6-N LINX-ANT-2.4-YG6-N Datasheet
165Kb / 1P
Stainless steel construction
12-21-09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com