Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL128G70 Datasheet(PDF) 19 Page - SPANSION

Part # AM29PDL128G70
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL128G70 Datasheet(HTML) 19 Page - SPANSION

Back Button AM29PDL128G70 Datasheet HTML 15Page - SPANSION AM29PDL128G70 Datasheet HTML 16Page - SPANSION AM29PDL128G70 Datasheet HTML 17Page - SPANSION AM29PDL128G70 Datasheet HTML 18Page - SPANSION AM29PDL128G70 Datasheet HTML 19Page - SPANSION AM29PDL128G70 Datasheet HTML 20Page - SPANSION AM29PDL128G70 Datasheet HTML 21Page - SPANSION AM29PDL128G70 Datasheet HTML 22Page - SPANSION AM29PDL128G70 Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
18
Am29PDL128G
July 29, 2002
P R E L I M I NARY
SA198
10111111XXX
32/16
5F8000h–5FFFFFh
2FC000h–2FFFFFh
SA199
11000000XXX
32/16
600000h–607FFFh
300000h–303FFFh
SA200
11000001XXX
32/16
608000h–60FFFFh
304000h–307FFFh
SA201
11000010XXX
32/16
610000h–617FFFh
308000h–30BFFFh
SA202
11000011XXX
32/16
618000h–61FFFFh
30C000h–30FFFFh
SA203
11000100XXX
32/16
620000h–627FFFh
310000h–313FFFh
SA204
11000101XXX
32/16
628000h–62FFFFh
314000h–317FFFh
SA205
11000110XXX
32/16
630000h–637FFFh
318000h–31BFFFh
SA206
11000111XXX
32/16
638000h–63FFFFh
31C000h–31FFFFh
SA207
11001000XXX
32/16
640000h–647FFFh
320000h–323FFFh
SA208
11001001XXX
32/16
648000h–64FFFFh
324000h–327FFFh
SA209
11001010XXX
32/16
650000h–657FFFh
328000h–32BFFFh
SA210
11001011XXX
32/16
658000h–65FFFFh
32C000h–32FFFFh
SA211
11001100XXX
32/16
660000h–667FFFh
330000h–333FFFh
SA212
11001101XXX
32/16
668000h–66FFFFh
334000h–337FFFh
SA213
11001110XXX
32/16
670000h–677FFFh
338000h–33BFFFh
SA214
11001111XXX
32/16
678000h–67FFFFh
33C000h–33FFFFh
SA215
11010000XXX
32/16
680000h–687FFFh
340000h–343FFFh
SA216
11010001XXX
32/16
688000h–68FFFFh
344000h–347FFFh
SA217
11010010XXX
32/16
690000h–697FFFh
348000h–34BFFFh
SA218
11010011XXX
32/16
698000h–69FFFFh
34C000h–34FFFFh
SA219
11010100XXX
32/16
6A0000h–6A7FFFh
350000h–353FFFh
SA220
11010101XXX
32/16
6A8000h–6AFFFFh
354000h–357FFFh
SA221
11010110XXX
32/16
6B0000h–6B7FFFh
358000h–35BFFFh
SA222
11010111XXX
32/16
6B8000h–6BFFFFh
35C000h–35FFFFh
SA223
11011000XXX
32/16
6C0000h–6C7FFFh
360000h–363FFFh
SA224
11011001XXX
32/16
6C8000h–6CFFFFh
364000h–367FFFh
SA225
11011010XXX
32/16
6D0000h–6D7FFFh
368000h–36BFFFh
SA226
11011011XXX
32/16
6D8000h–6DFFFFh
36C000h–36FFFFh
SA227
11011100XXX
32/16
6E0000h–6E7FFFh
370000h–373FFFh
SA228
11011101XXX
32/16
6E8000h–6EFFFFh
374000h–377FFFh
SA229
11011110XXX
32/16
6F0000h–6F7FFFh
378000h–37BFFFh
SA230
11011111XXX
32/16
6F8000h–6FFFFFh
37C000h–37FFFFh
Table 5.
Sector Address Table (Continued)
Bank
Sector
Sector Address
(A21-A11)
Sector Size
(Kwords/
Kdoublewords)
Address Range
(x16)
Address Range
(x32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com