Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL128G80 Datasheet(PDF) 15 Page - SPANSION

Part # AM29PDL128G80
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL128G80 Datasheet(HTML) 15 Page - SPANSION

Back Button AM29PDL128G80 Datasheet HTML 11Page - SPANSION AM29PDL128G80 Datasheet HTML 12Page - SPANSION AM29PDL128G80 Datasheet HTML 13Page - SPANSION AM29PDL128G80 Datasheet HTML 14Page - SPANSION AM29PDL128G80 Datasheet HTML 15Page - SPANSION AM29PDL128G80 Datasheet HTML 16Page - SPANSION AM29PDL128G80 Datasheet HTML 17Page - SPANSION AM29PDL128G80 Datasheet HTML 18Page - SPANSION AM29PDL128G80 Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
14
Am29PDL128G
July 29, 2002
P R E L I M I NARY
SA39
00100000XXX
32/16
100000h–107FFFh
080000h–083FFFh
SA40
00100001XXX
32/16
108000h–10FFFFh
084000h–087FFFh
SA41
00100010XXX
32/16
110000h–117FFFh
088000h–08BFFFh
SA42
00100011XXX
32/16
118000h–11FFFFh
08C000h–08FFFFh
SA43
00100100XXX
32/16
120000h–127FFFh
090000h–093FFFh
SA44
00100101XXX
32/16
128000h–12FFFFh
094000h–097FFFh
SA45
00100110XXX
32/16
130000h–137FFFh
098000h–09BFFFh
SA46
00100111XXX
32/16
138000h–13FFFFh
09C000h–09FFFFh
SA47
00101000XXX
32/16
140000h–147FFFh
0A0000h–0A3FFFh
SA48
00101001XXX
32/16
148000h–14FFFFh
0A4000h–0A7FFFh
SA49
00101010XXX
32/16
150000h–157FFFh
0A8000h–0ABFFFh
SA50
00101011XXX
32/16
158000h–15FFFFh
0AC000h–0AFFFFh
SA51
00101100XXX
32/16
160000h–167FFFh
0B0000h–0B3FFFh
SA52
00101101XXX
32/16
168000h–16FFFFh
0B4000h–0B7FFFh
SA53
00101110XXX
32/16
170000h–177FFFh
0B8000h–0BBFFFh
SA54
00101111XXX
32/16
178000h–17FFFFh
0BC000h–0BFFFFh
SA55
00110000XXX
32/16
180000h–187FFFh
0C0000h–0C3FFFh
SA56
00110001XXX
32/16
188000h–18FFFFh
0C4000h–0C7FFFh
SA57
00110010XXX
32/16
190000h–197FFFh
0C8000h–0CBFFFh
SA58
00110011XXX
32/16
198000h–19FFFFh
0CC000h–0CFFFFh
SA59
00110100XXX
32/16
1A0000h–1A7FFFh
0D0000h–0D3FFFh
SA60
00110101XXX
32/16
1A8000h–1AFFFFh
0D4000h–0D7FFFh
SA61
00110110XXX
32/16
1B0000h–1B7FFFh
0D8000h–0DBFFFh
SA62
00110111XXX
32/16
1B8000h–1BFFFFh
0DC000h–0DFFFFh
SA63
00111000XXX
32/16
1C0000h–1C7FFFh
0E0000h–0E3FFFh
SA64
00111001XXX
32/16
1C8000h–1CFFFFh
0E4000h–0E7FFFh
SA65
00111010XXX
32/16
1D0000h–1D7FFFh
0E8000h–0EBFFFh
SA66
00111011XXX
32/16
1D8000h–1DFFFFh
0EC000h–0EFFFFh
SA67
00111100XXX
32/16
1E0000h–1E7FFFh
0F0000h–0F3FFFh
SA68
00111101XXX
32/16
1E8000h–1EFFFFh
0F4000h–0F7FFFh
SA69
00111110XXX
32/16
1F0000h–1F7FFFh
0F8000h–0FBFFFh
SA70
00111111XXX
32/16
1F8000h–1FFFFFh
0FC000h–0FFFFFh
SA71
01000000XXX
32/16
200000h–207FFFh
100000h–103FFFh
SA72
01000001XXX
32/16
208000h–20FFFFh
104000h–107FFFh
SA73
01000010XXX
32/16
210000h–217FFFh
108000h–10BFFFh
SA74
01000011XXX
32/16
218000h–21FFFFh
10C000h–10FFFFh
SA75
01000100XXX
32/16
220000h–227FFFh
110000h–113FFFh
SA76
01000101XXX
32/16
228000h–22FFFFh
114000h–117FFFh
SA77
01000110XXX
32/16
230000h–237FFFh
118000h–11BFFFh
SA78
01000111XXX
32/16
238000h–23FFFFh
11C000h–11FFFFh
SA79
01001000XXX
32/16
240000h–247FFFh
120000h–123FFFh
SA80
01001001XXX
32/16
248000h–24FFFFh
124000h–127FFFh
Table 5.
Sector Address Table (Continued)
Bank
Sector
Sector Address
(A21-A11)
Sector Size
(Kwords/
Kdoublewords)
Address Range
(x16)
Address Range
(x32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com