Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG3 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 17Page - Cypress Semiconductor CCG3 Datasheet HTML 18Page - Cypress Semiconductor CCG3 Datasheet HTML 19Page - Cypress Semiconductor CCG3 Datasheet HTML 20Page - Cypress Semiconductor CCG3 Datasheet HTML 21Page - Cypress Semiconductor CCG3 Datasheet HTML 22Page - Cypress Semiconductor CCG3 Datasheet HTML 23Page - Cypress Semiconductor CCG3 Datasheet HTML 24Page - Cypress Semiconductor CCG3 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 21 of 45
Figure 15 illustrates a Notebook DRP application diagram using a CCG3 device. The Type-C port can be used as a power provider
or a power consumer. The CCG3 device communicates with the embedded controller (EC) over I2C. It also controls the Data Mux to
route the HighSpeed signals either to the USB chipset (during normal mode) or the DisplayPort Chipset (during Alternate Mode). The
SBU, SuperSpeed, and HighSpeed lines are routed directly from the Display Mux of the notebook to the Type-C receptacle.
Figure 15. DRP Application Diagram
CYPD3125-40LQXIT
40QFN
VDDD
17
VDDIO
18
VBUS_C_CTRL0
CC2
CC1
VBUS_DISCHARGE
30
32
3
5
SBU1
12
SBU2
I2C_SCL / P3.5
13
37
390pF
5%
X7R
2
VBUS_P_CTRL0
100
35
HOTPLUG_
DET / P3.3
19
VCCD
1uF
10V
X7R
AUX_P
AUX_N
14
11
9
MUX_I2C_
SCL/P1.2
10
39
OC
DPLUS
DMINUS
22
21
Type-C
Receptacle
CC2
CC1
Embedded
Controller
DisplayPort
Chipset
HPD
DP0/1/2/3
AUX+/-
USB
Chipset
D+/-
SS
Data Mux
SS
HS/SS/
DP/SBU
Lines
D+/-
10uF
50V
DMN3018SSD-13
DMN3018SSD-13
10 m
 1%
DC/DC
1uF
35V
X7R
1
VBUS_P_CTRL1
VBUS_C_CTRL1
29
DMN3018SSD-13
DMN3018SSD-13
Charger
390pF
5%
X7R
VCONN
6
V5V
4
VBUS
31
VBUS_P
40
VSYS
20
1uF
10V
0.1uF
10V
0.1uF
10V
0.1uF
10V
X7R
1uF
10V
0.1uF
10V
0.1uF
10V
HPD
I2C_SDA / P3.4
36
I2C_INT / P3.2
34
V3P3 and V5P0 are 3.3V and 5V
supplies coming from the motherboard.
CCG3 gate driver control configuration
needs to be appropriately set, based
on the VBUS FET type (nFET/pFET).
S
G
D
D
G
S
D
G
S
S
G
D
2.2K
2.2K
2.2K
7, 8, 15, 16, 23,
24, 25, 27, 28, 38
XRES
GND
33
26
GPIO
V3P3
VBUS
VBUS
V5P0
VINT20
VBUS_SUPPLY
VBUS
GND
DP/DN
SS
MUX_I2C_
SDA/P1.3
SCL SDA
X
X
X
X
X
10M
10M
10M
10M
VDDD
VDDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com