Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C3421 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3421
Description  Reverse Polarity SMA Female to BNC Male Cable Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3421 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3421 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3421 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3421 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3421 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Female Reverse Polarity
• Connector 2: BNC Male
• Cable Type: RG174
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
400
MHz
VSWR
1.5:1
Velocity of Propagation
66
%
Capacitance
31.1 [102.03]
pF/ft [pF/m]
.
dB/m
dB/m
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG174
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PE (LD)
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
Jacket Material
PVC, Black
Jacket Diameter
0.11 in [2.79 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Reverse Polarity SMA Female to BNC Male Cable Using RG174 Coax PE3C3421
PE3C3421 REV
Reverse Polarity SMA Female to BNC
Male Cable Using RG174 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3421


Similar Part No. - PE3C3421

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3422 PASTERNACK-PE3C3422 Datasheet
358Kb / 4P
BNC Male to SHV Plug Cable Using RG174 Coax
PE3C3424 PASTERNACK-PE3C3424 Datasheet
365Kb / 4P
10-32 Male to BNC Male Cable Using RG316 Coax
PE3C3424-12 PASTERNACK-PE3C3424-12 Datasheet
365Kb / 4P
10-32 Male to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C3424-24 PASTERNACK-PE3C3424-24 Datasheet
365Kb / 4P
10-32 Male to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C3424-36 PASTERNACK-PE3C3424-36 Datasheet
365Kb / 4P
10-32 Male to BNC Male Cable 36 Inch Length Using RG316 Coax
More results

Similar Description - PE3C3421

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3332 PASTERNACK-PE3C3332 Datasheet
363Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable Using RG174 Coax
PE3C3332-12 PASTERNACK-PE3C3332-12 Datasheet
361Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 12 Inch Length Using RG174 Coax
PE3C3332-24 PASTERNACK-PE3C3332-24 Datasheet
361Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 24 Inch Length Using RG174 Coax
PE3C3332-36 PASTERNACK-PE3C3332-36 Datasheet
361Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 36 Inch Length Using RG174 Coax
PE3C3332-48 PASTERNACK-PE3C3332-48 Datasheet
362Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 48 Inch Length Using RG174 Coax
PE3C3332-60 PASTERNACK-PE3C3332-60 Datasheet
362Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 60 Inch Length Using RG174 Coax
PE3C3332-72 PASTERNACK-PE3C3332-72 Datasheet
361Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable 72 Inch Length Using RG174 Coax
PE3C3332LF PASTERNACK-PE3C3332LF Datasheet
364Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable Using RG174 Coax, LF Solder, RoHS
PE3C3412 PASTERNACK-PE3C3412 Datasheet
362Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable Using RG188 Coax
PE3C3413 PASTERNACK-PE3C3413 Datasheet
369Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable Using RG316 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com