Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRES02 Datasheet(PDF) 2 Page - Lumberg

Part # KRES02
Description  Screw terminal blocks, pitch 3.5/5.0/10.0 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

KRES02 Datasheet(HTML) 2 Page - Lumberg

  KRES02 Datasheet HTML 1Page - Lumberg KRES02 Datasheet HTML 2Page - Lumberg KRES02 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
61 KRES
01/2018
2
*b
*a
Environmental conditions
Temperature range
-25 °C/+100 °C
Materials
Insulating body
PA, V-2 according to UL 94
Clamp
CuZn, pre-nickeled and tinned
Wire protector
CuSn, pre-nickeled and tinned
Screw
steel, zincked and chromated
Mechanical data
Screw size
M2.6
Tightening torque screw
0,4 Nm 1
1
according to VDE 0609
Connectable conductors for screw clamp
Section
≤ 2,5 mm²
Electrical data (at Tamb 20 °C)
Rated current
15 A
Rated voltage
250 V AC (with pollution degree 3)
1
Material group
I 1
Overvoltage category
III 1
1
according to DIN EN 60664/IEC 60664
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com