Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R4760 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R4760
Description  Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R4760 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R4760 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R4760 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part Number
CPU
Memory
Flash
HDMI
LAN
Serial Port
USB Host
SD
Operating
Temperature
EPC-R4760CQ-QNA1E
Qualcomm APQ8016
Quad Core 1.2GHz
1GB
8GB
1
1
1 x 4 wires RS-232/422/485
4
1
0 ~ 40 °C
EPC-R4760CQ-WNA1E
Qualcomm APQ8016
Quad Core 1.2GHz
2GB
8GB
1
1
1 x 4 wires RS-232/422/485
4
1
0 ~ 40 °C
EPC-R4760
Packing List
Part Number
Description
EPC-R4760
EPC-R4760 Box computer
Dimensions
Unit: mm
Optional Accessories
Port Number
Description
96PSA-A36W12R1
Adapter 100-240 36W 12V 3A 9NA0362308
170203183C
Power cord 3P Europe (WS-010+WS-083) 183 cm
170203180A
Power cord 3P UK 2.5A/3A 250 V 1.83 M
1700001524
Power cord 3P UL 10A 125 V 180 cm
1700026931-01
Debug cable
ROM-ED20-00A1E
Debug adapter board
1700008921
Power Cord 3P PSE 183cm
187.90
213.50
39
5
187.90
39
5
199.50
213.50
187.90
213.50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com