Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R005E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R005E
Description  High-Performance Edge Intelligence Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R005E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R005E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
EIS-D150
ƒ Integrated hardware and software aids edge-to-cloud application development
ƒ Preconfigured system: High-performance computing powered by 6th
Generation Intel® Core™ U-series i5, WES7E/Win 10 with 4 GB RAM, 64 GB
SSD
ƒ Pre-integrated WISE-PaaS software package: WISE-PaaS/RMM, WISEPaaS/
OTA, WISE-PaaS/Security, WebAccess/SCADA, WebAccess/IMM, and
WebAccess/HMI
ƒ Preconfigured Microsoft Azure service: Device management package/data
intelligence package (optional)
ƒ Comprehensive developer tools and documents: Node-RED dataflow logic
designer, dashboard builder, protocol plug-in SDK, and configuration tools
Introduction
Advantech’s EIS-D150 high-performance EIS is a software/hardware integrated solution offering high computing power for IoT and cloud applications. The unit enables data preprocessing
in addition to logic and flow control at the edge of networks. The EIS-D150 comes with a ready-to-run system (6th Generation Intel® Core™ U-series i5 platform with WES7E/ WIN10
IoT Enterprise) and WISE-PaaS software. It includes the IoT foundational block WISE-PaaS/RMM, WISEPaaS/OTA, and WISE-PaaS/Security, as well as the vertical applications
WebAccess/SCADA, WebAccess/IMM, and WebAccess/HMI. Furthermore, it gives the flexibility to add other software from the WISE-PaaS marketplace. For IoT developers, the
EIS-D150 provides WISE-Agent and a protocol plugin SDK for IoT data collection and conversion, as well as a built-in Node-RED for smart data processing and logic flow design.
It comes with preconfigured Azure packages from the WISE-PaaS Marketplace for easy and fast cloud connectivity. The EIS-D150 offers a complete solution for IoT data collection
and intelligence creation from end devices and edge networks to the cloud. Its high computing power can assist with efficiently managing various types of devices, equipment, and
sensors. With this unit, you can accelerate IoT implementation and enable IoT connectivity, data manageability, and analytics in the edge of your network.
Solution Block Diagram
High-Performance Edge Intelligence
Server (EIS)
Pre-congured
Microsoft Azure
Marketplace WISE-Point
Data Manageability
Node-RED
IoT Connectivity
WISE-Agent
WISE-PaaS
Built-in
WISE-Agent
IoT Connectivity
Remote Monitoring and
Management
Remote Software Update
Smart SCADA
Human Machine Interface
Centralized Security
Management
Interactive Multimedia
Open standard IoT device
monitoring and
management platform
Remote software update,
includes 3rd party software
(Integrated into WISE-PaaS/RMM)
Centralized device management,
data protection and remote
back-up and recovery solution
(Integrated into WISE-PaaS/RMM)
Centralized content editor and
dispatch management for
interactive multimedia player
Data collection and
graphical interfaces for
supervisory management
(Limited version with
16 point access ability)
A stand-alone,
machine-level HMI to a
distributed visualization solution
(Limited version with
16 point access ability)
SDK
MDB
CSV
Edge IoT Application Development
Open Plug-in SDK and sample code for sensor
and data collection and conversion.
Data Format Integration
Supports ODBC plug-in for database and data
integration (file types: CSV, MDB).
Industrial Protocol Connectivity
Provides standard protocols(Modbus/ OPC/
MQTT) for sensor and device data
collection.
I/O and Sensor Compatiblity
Integration tested with Advantech M2.COM,
ADAM and WISE-4000 series.
WISE-PaaS
Built-in
WISE-Agent
IoT Connectivity
Remote Monitoring and
Management
Remote Software Update
Smart SCADA
Human Machine Interface
Centralized Security
Management
Interactive Multimedia
Open standard IoT device
monitoring and
management platform
Remote software update,
includes 3rd party software
(Integrated into WISE-PaaS/RMM)
Centralized device management,
data protection and remote
back-up and recovery solution
(Integrated into WISE-PaaS/RMM)
Centralized content editor and
dispatch management for
interactive multimedia player
Data collection and
graphical interfaces for
supervisory management
(Limited version with
16 point access ability)
A stand-alone,
machine-level HMI to a
distributed visualization solution
(Limited version with
16 point access ability)
SDK
MDB
CSV
Edge IoT Application Development
Open Plug-in SDK and sample code for sensor
and data collection and conversion.
Data Format Integration
Supports ODBC plug-in for database and data
integration (file types: CSV, MDB).
Industrial Protocol Connectivity
Provides standard protocols(Modbus/ OPC/
MQTT) for sensor and device data
collection.
I/O and Sensor Compatiblity
Integration tested with Advantech M2.COM,
ADAM and WISE-4000 series.
NEW
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 14-Sep-2017


Similar Part No. - AMK-R005E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R005E ADVANTECH-AMK-R005E Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
AMK-R005E ADVANTECH-AMK-R005E Datasheet
1Mb / 4P
Intel® Atom® E3940 SoC Modular Fanless Box PC
15-Dec-2020
AMK-R005E ADVANTECH-AMK-R005E Datasheet
937Kb / 2P
High-Performance Edge Intelligence System
2-Jun-2020
More results

Similar Description - AMK-R005E

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
Advantech Co., Ltd.
EIS-DK10 ADVANTECH-EIS-DK10 Datasheet
954Kb / 2P
Edge Intelligence Server and Microsoft Azure IoT Starter Kit
EIS-D210 ADVANTECH-EIS-D210 Datasheet
785Kb / 2P
LPWAN Connectivity Edge Intelligence Server
EIS-D120 ADVANTECH-EIS-D120 Datasheet
702Kb / 2P
Multiple I/O Edge Intelligence Server
EIS-D110 ADVANTECH-EIS-D110 Datasheet
725Kb / 2P
Entry Level Edge Intelligence Server
UBX-310UST-G1E-C ADVANTECH-UBX-310UST-G1E-C Datasheet
2Mb / 2P
Edge Intelligence Server
logo
List of Unclassifed Man...
SX-DS-4000U2 ETC1-SX-DS-4000U2 Datasheet
591Kb / 2P
High-Performance USB Device Server
11.2011
logo
Advantech Co., Ltd.
EIS-D210 ADVANTECH-EIS-D210_V01 Datasheet
790Kb / 2P
Wireless Connectivity Edge Intelligence Server
7-Dec-2018
EI-A215 ADVANTECH-EI-A215 Datasheet
937Kb / 2P
High-Performance Edge Intelligence System
2-Jun-2020
EIS-D620 ADVANTECH-EIS-D620 Datasheet
694Kb / 2P
RISC-based Edge Intelligence Server
22-Aug-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com