Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R001E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R001E
Description  Dual COM and GPIO Palm-Size Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R001E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R001E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ARK-1123L
Packing List
Part Number
Description
-
1 x ARK-1123L Unit
-
1 x User Manual (Simplified Chinese)
96PSA-A36W12W7
1 x AC to DC adapter DC 12V/3A 36W, -20 ~ 60° C
Embedded OS (Only available for T-Parts OEM, and CTOS service)
Part Number
Description
2070013031
WES7E 64-bit with EN/JP/TC/SC (OS size around 11G)
2070013369
WE8S 64-bit with EN/JP/TC/SC (OS size around 13G)
2070014790
WIN10 IoT LTSB x64 Eng
Optional Items
Part Number
Description
1700001524
Power Cable 3-pin 180cm, USA type
170203183C
Power Cable 3-pin 180cm, Europe type
170203180A
Power Cable 3-pin 180cm, UK type
1700008921
Power Cable 3-pin PSE Mark 183cm
AMK-V003E
ARK-112X series VESA mounting kit
AMK-R001E
ARK-112X series DIN-rail mounting kit
AMK-W001E
ARK-112X series Wall mounting kit
Ordering Information
Part Number
Intel CPU
RAM
VGA
GbE USB
2.0
USB
3.0
RS-232 RS-232/
422/485 GPIO Audio
MiniPCIe 2.5" HDD
bay
mSATA Operating
Temperature
ARK-1123L-S3A1E
Intel Atom
E3825
Up to
8GB
1
1
1
1
1
1
1
Line in
Line out 1 Full size
1
1 (H/S)
-30 ~ 70° C
Note: Memory, storage and operating system bundled by request.
Dimensions
Rear Panel External I/O Mechanical Layout/Drawing
Front Panel External I/O Mechanical Layout/Drawing
133.80
Digital IO
COM
On/Off
Line in
Line out
HDD LED
LAN
VGA
COM
DC Input
USB2.0
USB3.0
75
100
Ø4.50(4X)
35.05
66
18.05
100
18.25
75
152.40
164.40
A
4
2
6
DetailA
Scale2:1
75
100
Ø4.50(4X)
35.05
66
18.05
100
18.25
75
152.40
164.40
A
4
2
6
DetailA
Scale2:1
Unit: mm
DIN Rail
VESA mount
Wall mount



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com