Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2580 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2580
Description  SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2580 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2580 Datasheet HTML 1Page - New Japan Radio NJM2580 Datasheet HTML 2Page - New Japan Radio NJM2580 Datasheet HTML 3Page - New Japan Radio NJM2580 Datasheet HTML 4Page - New Japan Radio NJM2580 Datasheet HTML 5Page - New Japan Radio NJM2580 Datasheet HTML 6Page - New Japan Radio NJM2580 Datasheet HTML 7Page - New Japan Radio NJM2580 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJM2580
-7 -
s
s
s
s TYPICAL CHARACTERISTICS
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Gain Frequency Characteristics vs. Supply Voltage
1ch
2ch
3ch
Supply Voltage V
+ (V)
1Vpp, 50MHz/1MHz
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Cross Talk 1 vs. Supply Voltage
IN1OUT2
IN1OUT3
IN2OUT1
IN2OUT3
IN3OUT1
IN3OUT2
Supply Voltage V
+ (V)
1Vpp, 4.43MHz sinewave signal input
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Cross Talk 2 vs. Supply Voltage
IN1OUT2
IN1OUT3
IN2OUT1
IN2OUT3
IN3OUT1
IN3OUT2
Supply Voltage V
+ (V)
1Vpp, 50MHz sinewave signal input
0.0
2.0
4.0
6.0
8.0
10.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Differential Gain vs. Supply Voltage
1ch
2ch
3ch
Supply Voltage V
+ (V)
1Vpp, 10step video signal input
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Differential Phase vs. Supply Voltage
1ch
2ch
3ch
Supply Voltage V
+ (V)
1Vpp, 10step video signal input
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Channel Gain Difference vs. Supply Voltage
Supply Voltage V
+ (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com