Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT25 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RT25
Description  Wirewound Rheostat / Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT25 Datasheet(HTML) 2 Page - Vishay Siliconix

  RT25 Datasheet HTML 1Page - Vishay Siliconix RT25 Datasheet HTML 2Page - Vishay Siliconix RT25 Datasheet HTML 3Page - Vishay Siliconix RT25 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RT25
www.vishay.com
Vishay Sfernice
Revision: 24-Aug-16
2
Document Number: 50026
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LOCKING DEVICE
This is supplied as an option.
The available spindle length is according to the panel
thickness.
Order reference: DBA6
ADAPTATION BOARD
This enables 2 point mounting instead of bush mounting.
The adaptation board is supplied as an option with 2
mounting screws. Consequently, the available spindle
length is reduced by 9.5 mm.
Note
• For any special requirement on request: spindle flats, etc. Please
supply detailed drawing.
MARKING
Vishay Sfernice trademark, series, style, power rating in watts, ohmic value (in
 or k), tolerance (in %), maximum current in
A, manufacturing date.
SPINDLES
Ø
mm
DISTANCE TO
MOUNTING
PLATE mm
SCREW
DRIVER
SLOT
CODE
6
22
With
ASF
25
Without
AM
With
AMF
50
Without
AL
6
22
Without
AS
1 ± 0.2
13
2 tightening screws
spanner n° 14
max. panel thickness 6.5
PARTICULAR CHARACTERISTICS
NOMINAL
RESISTANCE
MAX. SERVICE
VOLTAGE
V
MAX. CURRENT
THROUGH WIPER
mA
1
5
5000
1.5
6.12
4080
2.2
7.42
3370
3.3
9.08
2750
4.7
10.8
2300
6.8
13
1920
10
15.8
1580
15
19.4
1290
22
23.5
1070
33
28.7
870
47
34.3
730
68
41.2
605
100
50
500
150
61.2
408
220
74.2
337
330
90.8
275
470
108
230
680
130
192
1K
158
158
1.5K
194
129
2.2K
235
107
3.3K
287
87
4.7K
343
73
56
47
4 holes Ø 3.5
Ø 12
5
6
7
8
9
10
0
1
2
3
4
56
47
DIAL CG57 (OPTION)
18
Ø 7
Ø 43
21
COMMAND SHAFT 29JF (OPTION)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com