Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT230AS2002JB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RT230AS2002JB
Description  Wirewound Rheostat / Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT230AS2002JB Datasheet(HTML) 3 Page - Vishay Siliconix

  RT230AS2002JB Datasheet HTML 1Page - Vishay Siliconix RT230AS2002JB Datasheet HTML 2Page - Vishay Siliconix RT230AS2002JB Datasheet HTML 3Page - Vishay Siliconix RT230AS2002JB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RT100
www.vishay.com
Vishay Sfernice
Revision: 24-Aug-16
3
Document Number: 50028
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
RT
100
AL
6801
K
B
XXX
MODEL
STYLE
SPINDLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL DESIGN
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
SIZE
LOCKING
DEVICE (OPT.)
WINDING
(OPT.)
COMMAND
SHAFT
OHMIC VALUE
TOLERANCE PACKAGING
SPECIAL
RT
100
D
BXXX
or
BXXXX
As applicable
xxx(x) =
internal
number
AS = standard
(Diam: 6 mm)
AL
ASF
AD
ADF
The three first digits are
significant figures and
the last digit specifies
the number of zeros to
follow. R designates
decimal point.
2002 = 20 k
4700 = 470
22R0 = 22
0R01 = 0.01
J = 5 %
K = 10 %
B = box
BO1
As applicable
Ex = DXxx
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
00
A
S
22
R
K
T
1
R
0B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com