Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT012AS48R0JB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RT012AS48R0JB
Description  Wirewound Rheostat / Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT012AS48R0JB Datasheet(HTML) 2 Page - Vishay Siliconix

  RT012AS48R0JB Datasheet HTML 1Page - Vishay Siliconix RT012AS48R0JB Datasheet HTML 2Page - Vishay Siliconix RT012AS48R0JB Datasheet HTML 3Page - Vishay Siliconix RT012AS48R0JB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RT12
www.vishay.com
Vishay Sfernice
Revision: 24-Aug-16
2
Document Number: 50025
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LOCKING DEVICE
The spindle locking device can be fitted only to special units
equipped with a slotted bushing.
Order reference: B
Note
• For any special requirement on request: spindle flats, etc. Please
supply detailed drawing.
MARKING
Vishay Sfernice trademark, series, style, ohmic value (in
 or k), tolerance (in %), maximum current in A, manufacturing date
SPINDLES
Ø
mm
DISTANCE TO MOUNTING
PLATE MM
SCREW DRIVER
SLOT
CODE
3
12.5
With
ACF
3
22
Without
AS
1 ± 0.2
3 ± 1
panel
spanner n° 10
7
PARTICULAR CHARACTERISTICS
NOMINAL
RESISTANCE
MAX. SERVICE
VOLTAGE
V
MAX. CURRENT
THROUGH WIPER
mA
1
3.46
3460
1.5
4.24
2830
2.2
5.14
2340
3.3
6.29
1910
4.7
7.51
1600
6.8
9.03
1330
10
11
1100
15
13.4
900
22
16.3
740
33
19.9
603
47
23.7
505
68
28.6
420
100
34.6
346
150
42.4
283
220
51.4
234
330
62.9
191
470
75.1
160
680
90.3
133
1K
110
110
1.5K
134
90
2.2K
163
74
21
Ø 23
Ø 3
16
COMMAND KNOB: 20JF (OPTION)
37 45
37
45
4 holes Ø 3.5
Ø 7
5
6
7
8
9
10
0
1
2
3
4
DIAL: CG45 (OPTION)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com