Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT230AS4700KB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RT230AS4700KB
Description  Wirewound Rheostat / Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT230AS4700KB Datasheet(HTML) 2 Page - Vishay Siliconix

  RT230AS4700KB Datasheet HTML 1Page - Vishay Siliconix RT230AS4700KB Datasheet HTML 2Page - Vishay Siliconix RT230AS4700KB Datasheet HTML 3Page - Vishay Siliconix RT230AS4700KB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RT230
www.vishay.com
Vishay Sfernice
Revision: 24-Aug-16
2
Document Number: 50029
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LOCKING DEVICE
This is supplied as an option.
The available spindle length is according to the panel
thickness.
Order reference: DBA10
Note
• For any special requirement on request: spindle flats, etc. Please
supply detailed drawing.
MARKING
Vishay Sfernice trademark, series, style, ohmic value (in
 or k), tolerance (in %), maximum current in A, manufacturing date
SPINDLES
Ø
mm
DISTANCE TO
MOUNTING
PLATE MM
SCREW
DRIVER
SLOT
CODE
10
50
Without
AS
thumb
wheel nut
min. panel cut-out
Ø 32
panel
18
17
PARTICULAR CHARACTERISTICS
NOMINAL
RESISTANCE
MAX. SERVICE
VOLTAGE
V
MAX. CURRENT
THROUGH WIPER
A
1
15.2
15.2
1.5
18.6
12.4
2.2
22.5
10.2
3.3
27.6
8.36
4.7
32.9
7
6.8
31.5
5.82
10
48
4.80
15
58.7
3.92
22
71.1
3.23
33
87.1
2.64
47
104
2.21
68
125
1.84
100
152
1.52
150
186
1.24
220
225
1.02
330
276
0.836
470
329
0.700
680
395
0.582
1K
480
0.480
1.5K
587
0.392
2.2K
711
0.323
3.3K
871
0.264
4.7K
1040
0.221
6.8K
1250
0.184
10K
1500
0.150
15K
1940
0.13
22K
2000
0.091
COMMAND KNOB 60JF (OPTION)
21
Ø 76
Ø 10
16
DIAL CG115 (OPTION)
4 holes Ø 3.5
Ø 12
5
6
7
8
9
10
0
1
2
3
4
115
98
2 holes Ø 6
98
50
115



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com