Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT012AS4701KB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RT012AS4701KB
Description  Wirewound Rheostat / Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT012AS4701KB Datasheet(HTML) 1 Page - Vishay Siliconix

  RT012AS4701KB Datasheet HTML 1Page - Vishay Siliconix RT012AS4701KB Datasheet HTML 2Page - Vishay Siliconix RT012AS4701KB Datasheet HTML 3Page - Vishay Siliconix RT012AS4701KB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RT12
www.vishay.com
Vishay Sfernice
Revision: 24-Aug-16
1
Document Number: 50025
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Rheostat / Potentiometer
FEATURES
• 12 W at 25 °C
• CCTU 05-03B (PA9)
• Vitreous style
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE
RANGE
TOLERANCE
± %
RATED POWER
P25 °C
W
VARIATION LAW
STANDARD
LIMITING
ELEMENT VOLTAGE
V
DIELECTRIC
STRENGTH
VRMS
INSULATION
RESISTANCE
RT12
1 to 2.2K
10
12
Linear
300
1000
103M (500 VCC)
MOUNTING SIDE
Ø 22.5 ± 1.5
15.5
70°
17
2
M6 x 0.75
9 ± 1
1
12.5 ± 2 ACF
18 ± 2
22 ± 2
- 0
AS
Ø 1.1
MIN
Ø 3 - 0.05
RT12-PA9
Ø 3.5
6.5 ± 0.5
Ø 6.5
PANEL CUT OUT DETAILS
CLIMATIC SPECIFICATIONS
Temperature range
-55 °C; +320 °C
Climatic category
CCTU 454
CEI 55 / 200 / 56
MECHANICAL SPECIFICATIONS
Mechanical protection
Vitreous
Mechanical travel
290° + 15° / - 10°
Operating torque
1 Ncm to 10 Ncm
End stop torque
25 Ncm
Unit weight
18.3 g


Similar Part No. - RT012AS4701KB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT012DBXXXACF0R01JBEX VISHAY-RT012DBXXXACF0R01JBEX Datasheet
79Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT012DBXXXACF0R01JNEX VISHAY-RT012DBXXXACF0R01JNEX Datasheet
79Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT012DBXXXACF0R01KBEX VISHAY-RT012DBXXXACF0R01KBEX Datasheet
79Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT012DBXXXACF0R01KNEX VISHAY-RT012DBXXXACF0R01KNEX Datasheet
79Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT012DBXXXACF2002JBEX VISHAY-RT012DBXXXACF2002JBEX Datasheet
79Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results

Similar Description - RT012AS4701KB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT100 VISHAY-RT100 Datasheet
143Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT230 VISHAY-RT230_08 Datasheet
120Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT55 VISHAY-RT55_16 Datasheet
98Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT230 VISHAY-RT230_16 Datasheet
126Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com