Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT500AS22R0KB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RT500AS22R0KB
Description  Wirewound Rheostat / Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT500AS22R0KB Datasheet(HTML) 2 Page - Vishay Siliconix

  RT500AS22R0KB Datasheet HTML 1Page - Vishay Siliconix RT500AS22R0KB Datasheet HTML 2Page - Vishay Siliconix RT500AS22R0KB Datasheet HTML 3Page - Vishay Siliconix RT500AS22R0KB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RT500
www.vishay.com
Vishay Sfernice
Revision: 24-Aug-16
2
Document Number: 50030
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LOCKING DEVICE
This is supplied as an option.
The available spindle length is according to the panel
thickness.
Order reference: DBA11
Note
• For any special requirement on request: spindle flats, etc. Please
supply detailed drawing.
MARKING
Vishay Sfernice trademark, series, style, ohmic value (in
 or k), tolerance (in %), maximum current in A, manufacturing date.
SPINDLES
Ø
mm
DISTANCE TO MOUNTING
PLATE mm
SCREW DRIVER
SLOT
CODE
10
50
Without
AS
thumb wheel nut
min panel cut-out
Ø 32
panel
18
24
PARTICULAR CHARACTERISTICS
NOMINAL
RESISTANCE
MAX. SERVICE
VOLTAGE
V
MAX. CURRENT
THROUGH WIPER
A
1
22.4
22.4
1.5
27.3
18.2
2.2
33
15
3.3
40.6
12.3
4.7
48.4
10.3
6.8
58.3
8.57
10
70.7
7.07
15
86.5
5.77
22
105
4.77
33
128
3.89
47
153.2
3.26
68
184.3
2.71
100
224
2.24
150
273
1.82
220
330
1.5
330
406
1.23
470
484
1.03
680
584.8
0.86
1K
707
0.707
1.5K
865
0.577
2.2K
1050
0.477
3.3K
1283
0.389
4.7K
1532
0.326
6.8K
1843
0.271
10K
2240
0.224
15K
2730
0.182
22K
3322
0.151
33K
3500
0.106
COMMAND KNOB 60JF (OPTION)
21
Ø 76
Ø 10
16
DIAL CG1 15/4T (OPTION)
4 holes Ø 3.5
Ø 12
5
6
7
8
9
10
0
1
2
3
4
115
98
4 holes Ø 6
98
50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com